Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5400 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1N5400
Description  3.0 AMPS. SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5400 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N5400 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5400 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
More results

Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BY255 ETC-BY255 Datasheet
52Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS?
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_1 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400_11 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
BY251 YANGJIE-BY251 Datasheet
692Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_10 Datasheet
1Mb / 2P
   3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400 Datasheet
66Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Jinan Gude Electronic D...
1N5400 JGD-1N5400 Datasheet
148Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251_10 Datasheet
515Kb / 2P
   3.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com