Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 28 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 24Page - Motorola, Inc MC13110A Datasheet HTML 25Page - Motorola, Inc MC13110A Datasheet HTML 26Page - Motorola, Inc MC13110A Datasheet HTML 27Page - Motorola, Inc MC13110A Datasheet HTML 28Page - Motorola, Inc MC13110A Datasheet HTML 29Page - Motorola, Inc MC13110A Datasheet HTML 30Page - Motorola, Inc MC13110A Datasheet HTML 31Page - Motorola, Inc MC13110A Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
MC13110A/B MC13111A/B
28
MOTOROLA ANALOG IC DEVICE DATA
IF Limiter and Demodulator
The limiting IF amplifier typically has about 110 dB of gain;
the frequency response starts rolling off at 1.0 MHz.
Decoupling capacitors should be placed close to Pins 31 and
32 to ensure low noise and stable operation. The IF input
impedance is 1.5 k
Ω. This is a suitable match to 455 kHz
ceramic filters.
Figure 48. IF Limiter Schematic
Lim Out
Lim In
Limiter Stage
RPI
CPI
Figure 49. Limiter Input Impedance
Unit
Input Impedance
(RPI)
Input Impedance
(CPI)
Lim In
1538
15.7 pF
Figure 50. Quadrature Detector
Demodulator Schematic
Q Coil
Lim Out1
C28
10 p
Rext
22.1 k
Toko Q Coil
7MCS–8128Z
The quadrature detector is coupled to the IF with an
external capacitor between Pins 27 and 28. Thus, the
recovered signal level output is increased for a given
bandwidth by increasing the capacitor. The external
quadrature component may be either a LCR resonant circuit,
which may be adjustable, or a ceramic resonator which is
usually fixed tuned. (More on ceramic resonators later.)
The bandwidth performance of the detector is controlled
by the loaded Q of the LC tank circuit (Figure 50). The
following equation defines the components which set the
detector circuit’s bandwidth:
(1) RT = Q XL,
where RT is the equivalent shunt resistance across the LC
tank. XL is the reactance of the quadrature inductor at the IF
frequency (XL= 2π f L).
The 455 kHz IF center frequency is calculated by:
(2) fc = [2π (L Cp)1/2] – 1
where L is the parallel tank inductor. Cp is the equivalent
parallel capacitance of the parallel resonant tank circuit.
The following is a design example for a detector at 455
kHz and a specific loaded Q:
The loaded Q of the quadrature detector is chosen
somewhat less than the Q of the IF bandpass for margin. For
an IF frequency of 455 kHz and an IF bandpass of 20 kHz,
the IF bandpass Q is approximately 23; the loaded Q of the
quadrature tank is chosen slightly lower at 15.
Example:
Let the total external C = 180 pF. (Note: the capacitance is
the typical capacitance for the quad coil.) Since the external
capacitance is much greater than the internal device and
PCB parasitic capacitance, the parasitic capacitance may be
neglected.
Rewrite equation (2) and solve for L:
L = (0.159)2/(C fc2 )
L = 678
µH ; Thus, a standard value is chosen:
L = 680
µH (surface mount inductor)
The value of the total damping resistor to obtain the
required loaded Q of 15 can be calculated from equation (1):
RT = Q(2π f L)
RT = 15(2π)(0.455)(680) = 29.5 kΩ
The internal resistance, Rint at the quadrature tank Pin 27
is approximately 100 k
Ω and is considered in determining the
external resistance, Rext which is calculated from:
Rext = ((RT)(Rint))/(Rint – RT)
Rext = 41.8 kΩ;Thus, choose a standard value:
Rext = 39 kΩ
In Figure 50, the Rext is chosen to be 22.1 kΩ. An
adjustable quadrature coil is selected. This tank circuit
represents one popular network used to match to the
455 kHz carrier frequency. The output of the detector is
represented as a “S–curve” as shown in Figure 52. The goal
is to tune the inductor in the area that is most linear on the
“S–curve” (minimum distortion) to optimize the performance
in terms of dc output level. The slope of the curve can also be
adjusted by choosing higher or lower values of Rext . This will
have an affect on the audio output level and bandwidth. As
Rext is increased the detector output slope will decrease.
The maximum audio output swing and distortion will be
reduced and the bandwidth increased. Of course, just the
opposite is true for smaller Rext.
A ceramic discriminator is recommended for the
quadrature circuit in applications where fixed tuning is
desired. The ceramic discriminator and a 5.6 k
Ω resistor are
placed from Pin 27 to VCC . A 22 pF capacitor is placed from
Pin 28 to 27 to properly drive the discriminator. MuRata Erie
has designed a resonator for this part (CDBM455C48 for
USA & A/P regions and CDBM450C48 for Europe). This
resonator has been designed specifically for the
MC13110/111 family. Figure 51 shows the schematic used to
generate the “S–curve” and waveform shown in Figure 54
and 55.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com