Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 23 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 19Page - Motorola, Inc MC13110A Datasheet HTML 20Page - Motorola, Inc MC13110A Datasheet HTML 21Page - Motorola, Inc MC13110A Datasheet HTML 22Page - Motorola, Inc MC13110A Datasheet HTML 23Page - Motorola, Inc MC13110A Datasheet HTML 24Page - Motorola, Inc MC13110A Datasheet HTML 25Page - Motorola, Inc MC13110A Datasheet HTML 26Page - Motorola, Inc MC13110A Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
MC13110A/B MC13111A/B
23
MOTOROLA ANALOG IC DEVICE DATA
0.1
2.7
25
10
–10
–40
10
22
f, IF FREQUENCY (MHz)
Mix2 In, MIXER INPUT LEVEL (dBm)
Mix2 In, MIXER INPUT LEVEL (dBm)
VCC Audio, AUDIO SUPPLY VOLTAGE (V)
Mix2 In, MIXER INPUT LEVEL (dBm)
Figure 26. Second Mixer Conversion Gain,
IP3_bit = 0
Mix2 In, MIXER INPUT LEVEL (dBm)
Figure 27. Second Mixer Conversion Gain,
IP3_bit = 1
Figure 28. Second Mixer Output Level and
Intermodulation, IP3_bit = 0
Figure 29. Second Mixer Output Level and
Intermodulation, IP3_bit = 1
Figure 30. Second Mixer Compression
versus Supply Voltage
Figure 31. Second IF Bandwidth
Fundamental Level
3rd Order
Intermodulation
IP3_bit = 1
IP3_bit = 0
Fundamental Level
3rd Order
Intermodulation
–10
20
–30
18
–50
16
–70
–90
–12
–14
–16
–18
–20
–22
12
14
22
20
–10
18
–30
16
–50
14
–70
–90
20
15
10
5.0
0
–40
–40
–40
–35
–35
–30
–30
–25
–25
–20
–20
–15
–15
–10
–10
1.0
–35
3.3
–35
–30
–30
–25
–25
–20
4.2
–20
–15
4.8
–15
–10
5.4
–10
10
3.6
3.9
4.5
3.0
5.1
VCC = 3.6 V
IF = 455 kHz
RL = 1500 Ω
SECOND MIXER
VCC = 3.6 V
IF = 455 kHz
RL = 1500 Ω
VCC = 3.6 V
IF = 455 kHz
RL = 1500 Ω
VCC = 3.6 V
IF = 455 kHz
RL = 1500 Ω
IF = 455 kHz
RL = 1500 Ω
VCC = 3.6 V
RL = 1500 Ω


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com