Electronic Components Datasheet Search |
|
MC13110A Datasheet(PDF) 22 Page - Motorola, Inc |
|
|
MC13110A Datasheet(HTML) 22 Page - Motorola, Inc |
22 / 68 page MC13110A/B MC13111A/B 22 MOTOROLA ANALOG IC DEVICE DATA Second Mixer Figures 26 through 29 represents the second mixer transfer characteristics for the voltage conversion gain, output level, and intermodulation. There is a slight improvement in gain when the “IP3 bit” is set to <1> for the second mixer. (Note: This is the same programmable bit discussed earlier in the section.) Figure 23. Second Mixer Input and Output Impedance Schematic 2nd Mixer Mix2 In Mix2 Out RPI CPI RPO CPO Figure 24. Second Mixer Input and Output Impedances Unit Input Impedance RPI // CPI Output Impedance RPO // CPO IP3 = <0> (Set Low) 2817 Ω // 3.6 pF 1493 Ω // 6.1 pF IP3 = <1> (Set High) 2817 Ω // 3.6 pF 1435 Ω // 6.2 pF The 2nd mixer input impedance is typically 2.8 k Ω. It requires an external 360 Ω parallel resistor for use with a standard 330 Ω, 10.7 MHz ceramic filter. The second mixer output impedance is 1.5 k Ω making it suitable to match standard 455 kHz ceramic filters. The IF bandwidth response of the second mixer is shown in Figure 31. The –3.0 dB corner is 2.5 MHz. The feedthrough parameters are summarized in Figure 25. Figure 25. Second Mixer Feedthrough Parameters Parameter (dBm) 2nd LO Feedthrough @ Mix2 Out –42.9 IF Feedthrough @ Mix2 Out with –30 dBm –61.7 |
Similar Part No. - MC13110A |
|
Similar Description - MC13110A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |