Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 2 Page - Motorola, Inc

  MC13110A Datasheet HTML 1Page - Motorola, Inc MC13110A Datasheet HTML 2Page - Motorola, Inc MC13110A Datasheet HTML 3Page - Motorola, Inc MC13110A Datasheet HTML 4Page - Motorola, Inc MC13110A Datasheet HTML 5Page - Motorola, Inc MC13110A Datasheet HTML 6Page - Motorola, Inc MC13110A Datasheet HTML 7Page - Motorola, Inc MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
MC13110A/B MC13111A/B
2
MOTOROLA ANALOG IC DEVICE DATA
14
15
16
17
18
19
20
21
22
23
24
25
26
52
51
50
49
48
47
46
45
44
43
42
41
40
BD1 Out
DA Out
BD2 Out
T
C Cap
C In
Amp Out
T
DA In
V
R
Det Out
RSSI
x Out
x In
CCAudio
x Audio In
LO
LO
V
Gnd Audio
SA Out
SA In
E Out
E
E In
Scr Out
Ref
Ref
VB
1
2
cap
capCtrl
1Out
1In
1st Mix
2nd Mix
2nd LO
1st LO
1st LO
VCO
IF Amp/
Limiter
Detector
RSSI
LPF
AALPF
÷2
2nd LO
SC Filter
Clock
Mic Amp
Tx Gain
Adjust
LPF
ALC
C Cap
Compressor
Limiter
Tx
Mute
Ref2
Ref1
Low Battery
Detect
Data
Amp
Carrier
Detect
Rx Gain
Adjust
Rx
Mute
Speaker
Amp
Speaker
Mute
Expander
Vol
Control
1st LO
VB
÷25
÷4
÷1
12 b Prog
Ref Ctr
2nd LO
14 b Prog
Rx Ctr
Vref
Reg 2.5 V
14 b Prog
Tx Ctr
µP Serial
Interface
Prog
Clk Ctr
Tx Phase
Detect
Rx Phase
Detect
2nd LO
10.240
PIN CONNECTIONS
QFP–52
13
14
15
16
17
18
19
20
21
22
23
24
DA Out
BD Out
T
C Cap
C In
Amp Out
T
DA In
V
R
Det Out
Q Coil
x Out
x In
CCAudio
x Audio In
48
47
46
45
44
43
42
41
40
39
38
37
LO
LO
V
Gnd Audio
SA Out
SA In
E Out
E
E In
Scr Out
LO2
VB
cap
capCtrl
1Out
1In
1st Mix
2nd Mix
2nd LO
LPF
AALPF
Carrier
Detect
Data
Amp
VCC Audio
µP Serial
Interface
Prog
Clk Ctr
Tx Phase
Detect
Rx Phase
Detect
Reg 2.5 V
14 b Prog
Tx Ctr
Mic Amp
Speaker
Amp
Speaker
Mute
Expander
Vol
Control
÷25
÷4
÷1
12 b Prog
Ref Ctr
VB
1st LO
Programmable
Low Battery
Detect
In
LQFP–48
6 b Prog
SC Clk Ctr
1st LO
Detector
RSSI
IF Amp/
Limiter
2nd LO
1st LO
VCO
14 b Prog
Rx Ctr
Vref
2nd LO
10.240
LPF
LPF
4.129 kHz
Bypass
Bypass
4.129 kHz
÷40
Scrambler
Modulating Clock
= MC13110A/B Only
Scrambler
NOTE:
Rx Gain
Adjust
Rx
Mute
÷2
SC Filter
Clock
Tx Gain
Adjust
LPF
ALC
C Cap
Compressor
Limiter
Tx
Mute
6 b Prog
SC Clk Ctr
LPF
LPF
4.129 kHz
Bypass
Bypass
4.129 kHz
÷40
Scrambler
Modulating Clock
Scrambler
2nd LO


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com