Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 16 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 12Page - Motorola, Inc MC13110A Datasheet HTML 13Page - Motorola, Inc MC13110A Datasheet HTML 14Page - Motorola, Inc MC13110A Datasheet HTML 15Page - Motorola, Inc MC13110A Datasheet HTML 16Page - Motorola, Inc MC13110A Datasheet HTML 17Page - Motorola, Inc MC13110A Datasheet HTML 18Page - Motorola, Inc MC13110A Datasheet HTML 19Page - Motorola, Inc MC13110A Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
MC13110A/B MC13111A/B
16
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
Pin
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
QFP–52
LQFP–48
43
46
E Out
(Output)
E Out
46
VCC
Audio
VB
The output level of the expander output is
determined by the volume control. Volume control
is programmable through the MPU interface.
44
47
E Cap
E Cap
47
VCC
Audio
VCC
Audio
40 k
E Cap is the expander rectifier filter capacitor pin.
Connect an external filter capacitor between VCC
audio and E Cap. The recommended capacitance
range is 0.1 to 1.0
µF. 0.47 µF is the suggested
value.
45
48
E In
(Input)
E In
48
VCC
Audio
VB
30 k
The expander input pin is internally biased and has
input impedance of 30 k
Ω.
46
49
Scr Out
(Output)
Scr Out
49
VCC
Audio
VB
Scr Out is the Rx audio output. An internal low
pass filter has a –3 dB bandwidth of 4.0 kHz.
50
Ref2
50, 51
VCC
Audio
Reference voltage input for Low Battery Detect #2.
51
Ref1
Ref2, Ref1
Reference voltage input for Low Battery Detect #1.
47
52
VB
VB
52
VCC
Audio
VCC
Audio
240
VB is the internal half supply analog ground
reference. This pin must be filtered with a
capacitor to ground. A typical capacitor range of
0.5 to 10
µF is desired to reduce crosstalk and
noise. It is important to keep this capacitor value
equal to the PLL Vref capacitor due to logic timing
(Note 9).
NOTE:
9. A capacitor range of 0.5 to 10
µF is recommended. The capacitor value should be the same used on the VB pin (Pin 52). An additional high
quality parallel capacitor of 0.01
µF is essential to filter out spikes originating from the PLL logic circuitry.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com