Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 15 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 11Page - Motorola, Inc MC13110A Datasheet HTML 12Page - Motorola, Inc MC13110A Datasheet HTML 13Page - Motorola, Inc MC13110A Datasheet HTML 14Page - Motorola, Inc MC13110A Datasheet HTML 15Page - Motorola, Inc MC13110A Datasheet HTML 16Page - Motorola, Inc MC13110A Datasheet HTML 17Page - Motorola, Inc MC13110A Datasheet HTML 18Page - Motorola, Inc MC13110A Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
MC13110A/B MC13111A/B
15
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
Pin
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
QFP–52
LQFP–48
32
35
Mix2 Out
(Output)
Mix2 Out
35
VCC
RF
VCC
RF
1.2 k
Mix2 Out is the second mixer output. The second
mixer has a 3 dB bandwidth of 2.5 MHz and an
output impedance of 1.5 k
Ω. The output current
drive is 50
µA.
33
36
Gnd RF
Ground pin for RF section of the IC.
34
37
Mix1 Out
(Output)
Mix1 Out
37
VCC
RF
VCC
RF
200
The first mixer has a 3 dB IF bandwidth of 13 MHz
and an output impedance of 300
Ω. The output
current drive is 300
µA and can be programmed
for 1.0 mA.
35
38
Mix1 In2
(Input)
VCC
RF
VCC
RF
950
950
Vref
20 k
Signals should be ac–coupled to this pin, which is
biased internally to VCC – 1.6 V. The single–ended
and differential input impedance are about 1.6 and
1.8 k
Ω at 46 MHz, respectively.
36
39
Mix1 In1
(Input)
Mix1 In2,
Mix1 In1
38, 39
950
950
37
38
40
41
LO1 In
LO1 Out
LO1
Out
41
LO1
In
40
Tank Elements, an internal varactor and capacitor
matrix for 1st LO multivibrator oscillator are
connected to these pins. The oscillator is useable
up to 80 MHz.
39
42
Vcap Ctrl
Vcap
Ctrl
42
VCC
RF
55 k
Vcap Ctrl is the 1st LO varactor control pin. The
voltage at this pin is referenced to Gnd Audio and
varies the capacitance between LO1 In and
LO2 Out. An increase in voltage will decrease
capacitance.
40
43
Gnd Audio
Ground for audio section of the IC.
41
44
SA Out
(Output)
44
VCC
Audio
SA I
45
VCC
Audio
The speaker amplifier gain is set with an external
feedback resistor. It should be less than 200 k
Ω.
The speaker amplifier can be muted through the
MPU interface.
42
45
SA In
(Input)
SA Out
VB
SA In
An external resistor is connected to the speaker
amplifier input (SA In). This will set the gain and
input impedance and must be ac–coupled.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com