Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 14 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 10Page - Motorola, Inc MC13110A Datasheet HTML 11Page - Motorola, Inc MC13110A Datasheet HTML 12Page - Motorola, Inc MC13110A Datasheet HTML 13Page - Motorola, Inc MC13110A Datasheet HTML 14Page - Motorola, Inc MC13110A Datasheet HTML 15Page - Motorola, Inc MC13110A Datasheet HTML 16Page - Motorola, Inc MC13110A Datasheet HTML 17Page - Motorola, Inc MC13110A Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
MC13110A/B MC13111A/B
14
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
Pin
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
QFP–52
LQFP–48
30
26
RSSI
VCC
Audio
186 k
26
VCC
RF
VCC
RF
RSSI
RSSI is the receive signal strength indicator. This
pin must be filtered through a capacitor to ground.
The capacitance value range should be 0.01 to
0.1
µF. This is also the input to the Carrier Detect
comparator. An external R to ground shifts the
RSSI voltage.
24
27
Q Coil
Q Coil
27
VCC
RF
VCC
RF
A quad coil or ceramic discriminator connects this
pin as part of the FM demodulator circuit.
DC–couple this pin to VCC RF through the quad
coil or the external resistor.
26
29
VCC RF
VCC supply for RF receiver section (1st LO, mixer,
limiter, demodulator). Proper supply filtering is
needed on this pin too.
25
28
Lim Out
Lim C1
31
VCC
RF
28
VCC
RF
VCC
RF
VCC
RF
53.5 k
A quad coil or ceramic discriminator are connected
to these pins as part of the FM demodulator circuit.
A coupling capacitor connects this pin to the quad
coil or ceramic discriminator as part of the FM
demodulator circuit. This pin can drive coupling
capacitors up to 47 pF with no deterioration in
performance.
27
28
30
31
Lim C2
Lim C1
1
Lim Out
Lim In
32
Lim C2
30
52 k
1.5 k
IF amplifier/limiter capacitor pins. These
decoupling capacitors should be 0.1
µF. They
determine the IF limiter gain and low frequency
bandwidth.
29
32
Lim In
(Input)
Lim C2
52 k
Signal input for IF amplifier/limiter. Signals should
be ac–coupled to this pin. The input impedance is
1.5 k
Ω at 455 kHz.
33
SGnd RF
This pin is not connected internally but should be
grounded to reduce potential coupling between
pins.
31
34
Mix2 In
(Input)
Mix2 In
34
VCC
RF
VCC
RF
3.0 k
Mix2 In is the second mixer input. Signals are to be
ac–coupled to this pin, which is biased internally to
VCC RF. The input impedance is
2.8 k
Ω at 455 kHz. The input impedance can be
reduced by connecting an external resistor to
VCC RF.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com