Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 9Page - Motorola, Inc MC13110A Datasheet HTML 10Page - Motorola, Inc MC13110A Datasheet HTML 11Page - Motorola, Inc MC13110A Datasheet HTML 12Page - Motorola, Inc MC13110A Datasheet HTML 13Page - Motorola, Inc MC13110A Datasheet HTML 14Page - Motorola, Inc MC13110A Datasheet HTML 15Page - Motorola, Inc MC13110A Datasheet HTML 16Page - Motorola, Inc MC13110A Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
MC13110A/B MC13111A/B
13
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
Pin
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
QFP–52
LQFP–48
16
18
C Cap
C Cap
18
VCC
Audio
VCC
Audio
40 k
C Cap is the compressor rectifier filter capacitor
pin. It is recommended that an external filter
capacitor to VCC audio be used. A practical
capacitor range is 0.1 to 1.0
µF. 0.47 µF is the
recommended value.
17
19
C In
(Input)
C In
19
VCC
Audio
12.5 k
VB
C In is the compressor input. This pin is internally
biased and has an input impedance of 12.5 k. C In
must be ac–coupled.
18
20
Amp Out
(Output)
VCC
Audio
21
VCC
Audio
Microphone amplifier output. The gain is set with
external resistors. The feedback resistor should be
less than 200 k
Ω.
19
21
Tx In
(Input)
Amp Out
20
VB
Tx In
21
Tx In is the Tx path input to the microphone
amplifier (Mic Amp). An external resistor is
connected to this pin to set the Mic Amp gain and
input impedance. Tx In must be ac–coupled, too.
20
22
DA In
(Input)
DA In
22
VCC
Audio
250 k
250 k
VCC
Audio
The data amplifier input (DA In) resistance is
250 k
Ω and must be ac–coupled. Hysteresis is
internally provided.
21
23
VCC Audio
VCC audio is the supply for the audio section. It is
necessary to adequately filter this pin.
22
24
Rx Audio In
(Input)
Rx Audio In
24
VCC
Audio
600 k
VB
The Rx audio input resistance is 600 kΩ and must
be ac–coupled.
23
25
Det Out
(Output)
Det Out
25
VCC
Audio
VCC
RF
240
30
µA
Det Out is the audio output from the FM detector.
This pin is dc–coupled from the FM detector and
has an output impedance of 1100
Ω.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com