Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 12 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc MC13110A Datasheet HTML 10Page - Motorola, Inc MC13110A Datasheet HTML 11Page - Motorola, Inc MC13110A Datasheet HTML 12Page - Motorola, Inc MC13110A Datasheet HTML 13Page - Motorola, Inc MC13110A Datasheet HTML 14Page - Motorola, Inc MC13110A Datasheet HTML 15Page - Motorola, Inc MC13110A Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MC13110A/B MC13111A/B
12
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
Pin
Description
Equivalent Internal Circuit (52 Pin QFP)
Symbol/
Type
QFP–52
LQFP–48
8
9
10
9
10
11
Data
EN
Clk
(Input)
Data, EN, Clk
9, 10, 11
VCC
Audio
240
PLL
Vref
1.0
µA
Microprocessor serial interface input pins are for
programming various counters and control
functions. The switching thresholds are referenced
to PLL Vref and Gnd PLL. The inputs operate up to
VCC. These pins have 1.0 µA internal pull–down
currents.
11
12
Clk Out
(Output)
Clk Out
12
VCC
Audio
VCC
Audio
1.0 k
The microprocessor clock output is derived from
the 2nd LO crystal oscillator and a programmable
divider with divide ratios of 2 to 312.5. It can be
used to drive a microprocessor and thereby
reduce the number of crystals required in the
system design. The driver has an internal resistor
in series with the output which can be combined
with an external capacitor to form a low pass filter
to reduce radiated noise on the PCB. This output
also functions as the output for the counter test
modes.
1) For the MC13110A/B and MC13111A/B the Clk
Out can be disabled via the MPU interface.
2) For the MC13110B and MC13111B this output is
always active (on) (Note 2).
12
13
CD Out
(I/O)
CD
Comparator
CD Out
13
VCC
Audio
240
PLL
Vref
Hardware
Interrupt
Dual function pin;
1) Carrier detect output (open collector with
external 100 k
Ω pull–up resistor.
2) Hardware interrupt input which can be used to
“wake–up” from the Inactive Mode.
14
BD1 Out
14 16
VCC
Audio
Low battery detect output #1 is an open collector
with external pull–up resistor.
14
16
BD2 Out
(Output)
BD1 Out
BD2 Out
14, 16
Low battery detect output #2 is an open collector
with external pull–up resistor.
13
15
DA Out
(Output)
DA Out
15
VCC
Audio
VCC
Audio
100 k
Data amplifier output (open collector with internal
100 k
Ω pull–up resistor).
15
17
Tx Out
(Output)
Tx Out
17
VCC
Audio
VB
Tx Out is the Tx path audio output. Internally this
pin has a low–pass filter circuitry with –3 dB
bandwidth of 4.0 kHz. Tx gain and mute are
programmable through the MPU interface. This pin
is sensitive to load capacitance.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com