Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 4Page - Motorola, Inc MC13110A Datasheet HTML 5Page - Motorola, Inc MC13110A Datasheet HTML 6Page - Motorola, Inc MC13110A Datasheet HTML 7Page - Motorola, Inc MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc MC13110A Datasheet HTML 10Page - Motorola, Inc MC13110A Datasheet HTML 11Page - Motorola, Inc MC13110A Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
MC13110A/B MC13111A/B
8
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
Figure
Tx AUDIO PATH (fin = 1.0 kHz, Tx Gain Adj = (01111); ALC, Limiter, and Mutes Disabled; Active Mode, scrambler bypassed)
Low Pass Filter Passband Ripple (Vin = –10 dBV)
1, 84
Tx In
Tx Out
Ripple
0.7
1.2
dB
Maximum Compressor Gain (Vin = –70 dBV)
C In
Tx Out
AVmax
23
dB
Tx Gain Adjust Range (Programmable through
MPU Interface)
125
C In
Tx Out
Tx Range
–9.0 to
10
dB
Tx Gain Adjust Steps – Number of Programmable
Levels
125
C In
Tx Out
Tx n
20
Rx AND Tx SCRAMBLER (2nd LO = 10.24 MHz, Tx Gain Adj = (01111), Rx Gain Adj = (01111), Volume Control = (0 dB Default Levels),
SCF Clock Divider = 31. Total is divide by 62 for SCF clock frequency of 165.16 kHz)
Rx High Frequency Corner (Note 8)
Rx Path, f = 479 Hz, V Rx Audio In = –20 dBV
Rx Audio In
Scr Out
Rx fch
3.55
3.65
3.75
kHz
Tx High Frequency Corner (Note 8)
Tx Path, f = 300 Hz, V Tx In = –10 dBV,
Mic Amp = Unity Gain
Tx In
Tx Out
Tx fch
3.829
3.879
3.929
kHz
Absolute Gain
Rx: Vin = –20 dBV
Tx: Vin = –10 dBV, Limiter disabled
Rx Audio In
Tx In
E Out
Tx Out
AV
–4.0
–4.0
0.4
–1.0
4.0
4.0
dB
Pass Band Ripple
Rx + Tx Path – 1.0 µF from Tx Out to
Rx Audio In, fin = low corner frequency to
high corner frequency
C In
E Out
Ripple
1.9
2.5
dB
Scrambler Modulation Frequency
Rx: 100 mV (–20 dBV)
Tx: 316 mV (–10 dBV)
Rx Audio In
C In
E Out
Tx Out
fmod
4.119
4.129
4.139
kHz
Group Delay
Rx + Tx Path – 1.0 µF from Tx Out to
Rx Audio In, fin = 1.0 kHz
C In
E Out
GD
1.0
ms
x
, in
fin = low corner frequency to high corner
frequency
C In
E Out
GD
4.0
Carrier Breakthrough
Rx + Tx Path – 1.0 µF from Tx Out to
Rx Audio In
C In
E Out
CBT
–60
dB
Baseband Breakthrough
Rx + Tx Path – 1.0 µF from Tx Out to
Rx Audio In,
fin = 1.0 kHz, fmeas = 3.192 kHz
C In
E Out
BBT
–50
dB
LOW BATTERY DETECT
Average Threshold
Voltage Before Electronic Adjustment
(Vref_Adj = (0111))
1, 131
Ref1
Ref2
BD1 Out
BD2 Out
VTi
1.38
1.48
1.58
V
Average Threshold
Voltage After Electronic Adjustment
(Vref_Adj = (adjusted value))
1
Ref1
Ref2
BD1 Out
BD2 Out
VTf
1.475
1.5
1.525
V
Hysteresis
Ref1
Ref2
BD1 Out
BD2 Out
Hys
4.0
mV
Input Current (Vin = 1.0 and 2.0 V)
1
Ref1
Ref2
Iin
–50
50
nA
Output High Voltage (Vin = 2.0 V)
1
Ref1
Ref2
BD1 Out
BD2 Out
VOH
VCC –
0.1
3.6
V
NOTE:
8. The filter specification is based on a 10.24 MHz 2nd LO, and a switch–capacitor (SC) filter counter divider ratio of 31. If other 2nd LO frequencies
and/or SC filter counter divider ratios are used, the filter corner frequency will be proportional to the resulting SC filter clock frequency.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com