Electronic Components Datasheet Search |
|
MC13110A Datasheet(PDF) 6 Page - Motorola, Inc |
|
|
MC13110A Datasheet(HTML) 6 Page - Motorola, Inc |
6 / 68 page MC13110A/B MC13111A/B 6 MOTOROLA ANALOG IC DEVICE DATA ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified; Test Circuit Figure 1.) Characteristic Unit Max Typ Min Symbol Measure Pin Input Pin Figure Rx AUDIO PATH (fin = 1.0 kHz, Active Mode, scrambler bypassed) Absolute Gain (Vin = – 20 dBV) 1, 72 Rx Audio In SA Out G –4.0 0 4.0 dB Gain Tracking (Referenced to E Out for Vin = –20 dBV) 1, 76 E In E Out Gt dB Vin = – 30 dBV –21 –20 –19 Vin = – 40 dBV –42 –40 –38 Total Harmonic Distortion (Vin = – 20 dBV) 1, 76 Rx Audio In SA Out THD – 0.7 1.0 % Maximum Input Voltage (VCC = 2.7 V) 76 Rx Audio In – – – –11.5 – dBV Maximum Output Voltage (Increase input voltage until output voltage THD = 5.0%, then measure output voltage) 1 E In E Out VOmax –2.0 0 – dBV Input Impedance – Rx Audio In EI – Zin – 600 75 – k Ω pp x E In in – 7.5 – Attack Time Ecap = 0.5 µF, Rfilt = 40 k (See Appendix B) – E In E Out ta – 3.0 – ms Release Time Ecap = 0.5 µF, Rfilt = 40 k (See Appendix B) – E In E Out tr – 13.5 – ms Compressor to Expander Crosstalk Vin = –10 dBV, V(E In) = AC Gnd 1 C In E Out CT – –90 –70 dB Rx Muting (∆ Gain) Vin = –20 dBV, Rx Gain Adj = (01111) 1 Rx Audio In E Out Me – –84 –60 dB Rx High Frequency Corner Rx Path, V Rx Audio In = –20 dBV 1 Rx Audio In Scr Out Rx fch 3.779 3.879 3.979 kHz Low Pass Filter Passband Ripple (Vin = –20 dBV) 1, 73 Rx Audio In Scr Out Ripple – 0.4 0.6 dB Rx Gain Adjust Range (Programmable through MPU Interface) 125 Rx Audio In Scr Out Rx Range – –9.0 to 10 – dB Rx Gain Adjust Steps – Number of Programmable Levels 125 Rx Audio In Scr Out Rx n – 20 – dB Audio Path Noise, C–Message Weighting (Input AC–Grounded) 70 Rx Audio In Scr Out E Out SA Out EN – – –85 <–95 <–95 – – dBV Volume Control Adjust Range 123 E In E Out VcnRange – –14 to 16 – dB Volume Control – Number of Programmable Levels 123 E In E Out Vcn – 16 – – SPEAKER AMP/SP MUTE (Active Mode) Maximum Output Swing RL = No Load, Vin = 3.4 Vpp RL = 130 Ω, Vin = 2.8 Vpp RL = 620 Ω, Vin = 4.0 Vpp 1, 79 SA In SA Out VOmax 2.8 2.0 – 3.2 2.6 3.4 – – – Vpp Speaker Amp Muting Vin = –20 dBV, RL = 130 Ω 1 SA In SA Out Msp – –92 –60 dB |
Similar Part No. - MC13110A |
|
Similar Description - MC13110A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |