![]() |
Electronic Components Datasheet Search |
|
MC13110A Datasheet(PDF) 59 Page - Motorola, Inc |
|
|
MC13110A Datasheet(HTML) 59 Page - Motorola, Inc |
59 / 68 page ![]() MC13110A/B MC13111A/B 59 MOTOROLA ANALOG IC DEVICE DATA OTHER APPLICATIONS INFORMATION PCB Board Lay–Out Considerations The ideal printed circuit board (PCB) lay out would be double–sided with a full ground plane on one side. The ground plane would be divided into separate sections to prevent any audio signal from feeding into the first local oscillator via the ground plane. Leaded components, can likewise, be inserted on the ground plane side to improve shielding and isolation from the circuit side of the PCB. The opposite side of the PCB is typically the circuit side. It has the interconnect traces and surface mount components. In cases where cost allows, it may be beneficial to use multi–layer boards to further improve isolation of components and sensitive sections (i.e. RF and audio). For the CT–0 band, it is also permissible to use single–sided PC layouts, but with continuous full ground fill in and around the components. The proper placement of certain components specified in the application circuit may be very critical. In a lay–out design, these components should be placed before the other less critical components are inserted. It is also imperative that all RF paths be kept as short as possible. Finally, the MC13110A/B and MC13111A/B ground pins should be tied to ground at the pins and VCC pins should have adequate decoupling to ground as close to the IC as possible. In mixed mode systems where digital and RF/Analog circuitry are present, the VCC and VEE buses need to be ac–decoupled and isolated from each other. The design must also take great caution to avoid interference with low level analog circuits. The receiver can be particularly susceptible to interference as they respond to signals of only a few microvolts. Again, be sure to keep the dc supply lines for the digital and analog portions separate. Avoid ground paths carrying common digital and analog currents, as well. Component Selection The evaluation circuit schematics specify particular components that were used to achieve the results shown in the typical curves and tables, but alternate components should give similar results. The MC13110A/B and MC13111A /B IC are capable of matching the sensitivity, IMD, adjacent channel rejection, and other performance criteria of a multi–chip analog cordless telephone system. For the most part, the same external components are used as in the multi–chip solution. VB and PLL Vref VB is an internally generated bandgap voltage. It functions as an ac reference point for the operational amplifiers in the audio section as well as for the battery detect circuitry. This pin needs to be sufficiently filtered to reduce noise and prevent crosstalk between Rx audio to Tx audio signal paths. A practical capacitor range to choose that will minimize crosstalk and noise relative to start up time is 0.5 µf to 10 µf. The start time for a 0.5 µf capacitor is approximately 5.0 ms, while a 10 µf capacitor is about 10 ms. The “PLL Vref” pin is the internal supply voltage for the Rx and Tx PLL’s. It is regulated to a nominal 2.5 V. The “VCC Audio” pin is the supply voltage for the internal voltage regulator. Two capacitors with 10 µF and 0.01 µF values must be connected to the “PLL Vref” pin to filter and stabilize this regulated voltage. The “PLL Vref” pin may be used to power other IC’s as long as the total external load current does not exceed 1.0 mA. The tolerance of the regulated voltage is initially ±8.0%, but is improved to ±4.0% after the internal Bandgap voltage reference is adjusted electronically through the MPU serial interface. The voltage regulator is turned off in the Standby and Inactive modes to reduce current drain. In these modes, the “PLL Vref” pin is internally connected to the “VCC Audio” pin (i.e., the power supply voltage is maintained but is now unregulated). It is important to note that the momentary drop in voltage below 2.5 V during this transition may affect initial PLL lock times and also may trigger the reset. To prevent this, the PLL Vref capacitor described above should be kept the same or larger than the VB capacitor, say 10 µf as shown in the evaluation and application diagrams. DC Coupling Choosing the right coupling capacitors for the compander is also critical. The coupling capacitors will have an affect on the audio distortion, especially at lower audio frequencies. A useful capacitor range for the compander timing capacitors is 0.1 µf to 1.0 µf. It is advised to keep the compander capacitors the same value in both the handset and baseset applications. All other dc coupling capacitors in the audio section will form high pass filters. The designer should choose the overall cut off frequency (–3.0 dB) to be around 200 Hz. Designing for lower cut off frequencies may add unnecessary cost and capacitor size to the design, while selecting too high of a cut off frequency may affect audio quality. It is not necessary or advised to design each audio coupling capacitors for the same cut off frequency. Design for the overall system cut off frequency. (Note: Do not expect the application, evaluation, nor production test schematics to necessarily be the correct capacitor selections.) The goals of these boards may be different than the systems approach a designer must consider. For the supply pins (VCC Audio and VCC RF) choose a 10 µf in parallel with a high quality 0.01 µf capacitor. Separation of the these two supply planes is essential, too. This is to prevent interference between the RF and audio sections. It is always a good design practice to add additional coupling on each supply plane to ground as well. The IF limiter capacitors are recommended to be 0.1 µf. Smaller values lower the gain of the limiter stage. The –3.0 dB limiting sensitivity and SINAD may be adversely affected. |
Similar Part No. - MC13110A |
|
Similar Description - MC13110A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |