Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 58 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 58 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc MC13110A Datasheet HTML 57Page - Motorola, Inc MC13110A Datasheet HTML 58Page - Motorola, Inc MC13110A Datasheet HTML 59Page - Motorola, Inc MC13110A Datasheet HTML 60Page - Motorola, Inc MC13110A Datasheet HTML 61Page - Motorola, Inc MC13110A Datasheet HTML 62Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
MC13110A/B MC13111A/B
58
MOTOROLA ANALOG IC DEVICE DATA
Figure 137. First Local Oscillator Internal Capacitor Selection
1st LO
Cap.
Bit 3
1st LO
Cap.
Bit 2
1st LO
Cap.
Bit 1
1st LO
Cap.
Bit 0
1st LO
Cap.
Select
Internal
Programmable
Capacitor
Value (pF)
Varactor
Value over
0.3 to 2.5 V (pF)
Equivalent
Internal
Parallel
Resistance
at 40 MHz (k
Ω)
Equivalent
Internal
Parallel
Resistance
at 51 MHz (k
Ω)
0
0
0
0
0
0.0
9.7 to 5.8
1200
736
0
0
0
1
1
0.6
9.7 to 5.8
79.3
48.8
0
0
1
0
2
1.7
9.7 to 5.8
131
80.8
0
0
1
1
3
2.8
9.7 to 5.8
31.4
19.3
0
1
0
0
4
3.9
9.7 to 5.8
33.8
20.8
0
1
0
1
5
4.9
9.7 to 5.8
66.6
41
0
1
1
0
6
6.0
9.7 to 5.8
49.9
30.7
0
1
1
1
7
7.1
9.7 to 5.8
40.7
25.1
1
0
0
0
8
8.2
9.7 to 5.8
27.1
16.7
1
0
0
1
9
9.4
9.7 to 5.8
21.6
13.3
1
0
1
0
10
10.5
9.7 to 5.8
20.5
12.6
1
0
1
1
11
11.6
9.7 to 5.8
18.6
11.5
1
1
0
0
12
12.7
9.7 to 5.8
17.2
10.6
1
1
0
1
13
13.8
9.7 to 5.8
15.8
9.7
1
1
1
0
14
14.9
9.7 to 5.8
15.3
9.4
1
1
1
1
15
16.0
9.7 to 5.8
14.2
8.7


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com