Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 57 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 57 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc MC13110A Datasheet HTML 57Page - Motorola, Inc MC13110A Datasheet HTML 58Page - Motorola, Inc MC13110A Datasheet HTML 59Page - Motorola, Inc MC13110A Datasheet HTML 60Page - Motorola, Inc MC13110A Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
MC13110A/B MC13111A/B
57
MOTOROLA ANALOG IC DEVICE DATA
Figure 134. Corner Frequency Programming for 11.15 MHz 2nd LO
MC13110A/B
MC13111A/B
SCF Clock
Divider
Total
Divide
Value
SCF Clock
Freq. (kHz)
Rx Upper
Corner
Frequency (kHz)
Tx Upper
Corner
Frequency (kHz)
Scrambler
Modulation
Frequency
(Clk/40) (kHz)
Scrambler
Lower Corner
Frequency (Hz)
Scrambler
Upper Corner
Frequency (kHz)
32
64
174.22
4.092
3.903
4.355
263.7
3.850
32
33
64
66
174.22
168.94
4.092
3.968
3.903
3.785
4.355
4.223
263.7
255.7
3.850
3.733
34
35
68
70
163.97
159 29
3.851
3 741
3.673
3 568
4.099
3 982
248.2
241 1
3.624
3 520
35
70
159.29
3.741
3.568
3.982
241.1
3.520
NOTES: 20. All filter corner frequencies have a tolerance of
±3%.
21. Rx and Tx Upper Corner Frequencies are the same corner frequencies for the MC13110A/B in scrambler bypass
Figure 135. Auxiliary Register Latch Bits
4–b 1st LO Capacitor
Selection
3–b Test Mode
MSB
LSB
MSB
LSB
0
0
0
0
0
0
0
0
0
Figure 136. Digital Test Mode Description
TM #
TM 2
TM 1
TM 0
Counter Under Test or
Test Mode Option
“Tx VCO”
Input Signal
“Clk Out” Output Expected
0
0
0
0
Normal Operation
>200 mVpp
1
0
0
1
Rx Counter
0 to 2.5 V
Input Frequency/Rx Counter Value
2
0
1
0
Tx Counter
0 to 2.5 V
Input Frequency/Tx Counter Value
3
0
1
1
Reference Counter + Divide by 4/25
0 to 2.5 V
Input Frequency/Reference Counter Value * 100
4
1
0
0
SC Counter
0 to 2.5 V
Input Frequency/SC Counter Value * 2
5
1
0
1
ALC Gain = 10 Option
N/A
N/A
6
1
1
0
ALC Gain = 25 Option
N/A
N/A
Auxiliary Register
The auxiliary register contains a 4–bit First LO Capacitor
Selection latch and a 3–bit Test Mode latch. Operation of
these latch bits are explained in Figures 135, 136 and 137.
Test Modes
Test modes are be selected through the 3–bit Test Mode
Register. In test mode, the “Tx VCO” input pin is multiplexed
to the input of the counter under test. The output of the
counter under test is multiplexed to the “Clk Out” output pin
so that each counter can be individually tested. Make sure
test mode bits are set to “0’s” for normal operation. Test
mode operation is described in Figure 136. During normal
operation, the “Tx VCO” input can be a minimum of 200 mVpp
at 80 MHz and should be AC coupled. Input signals should be
standard logic levels of 0 to 2.5 V and a maximum frequency of
16 MHz.
First Local Oscillator Programmable Capacitor Selection
There is a very large frequency difference between the
minimum and maximum channel frequencies in the 25
Channel U.S. standard. The internal varactor adjustment
range is not large enough to accommodate this large
frequency span. An internal capacitor with 15 programmable
capacitor values can be used to cover the 25 channel
frequency span without the need to add external capacitors
and switches. The programmable internal capacitor can also
be used to eliminate the need to use an external variable
capacitor to adjust the 1st LO center frequency during
telephone assembly. Figure 32 shows the schematic of the
1st LO tank circuit. Figure 137 shows the register control bit
values.
The internal programmable capacitor is composed of a
matrix bank of capacitors that are switched in as desired.
Programmable capacitor values between about 0 and 16 pF
can be selected in steps of approximately 1.1 pF. The internal
parallel resistance values in the table can be used to
calculate the quality factor (Q) of the oscillator if the Q of the
external inductor is known. The temperature coefficient of the
varactor is 0.08%/
°C. The temperature coefficient of the
internal programmable capacitor is negligible. Tolerance on
the varactor and programmable capacitor values is
±15%.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com