Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 56 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 56 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc MC13110A Datasheet HTML 57Page - Motorola, Inc MC13110A Datasheet HTML 58Page - Motorola, Inc MC13110A Datasheet HTML 59Page - Motorola, Inc MC13110A Datasheet HTML 60Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
MC13110A/B MC13111A/B
56
MOTOROLA ANALOG IC DEVICE DATA
Voltage Reference Adjustment
An internal 1.5 V bandgap voltage reference provides the
voltage reference for the “BD1 Out” and “BD2 Out” low battery
detect circuits, the “PLL Vref” voltage regulator, the “VB”
reference, and all internal analog ground references. The
initial tolerance of the bandgap voltage reference is
±6%. The
tolerance of the internal reference voltage can be improved to
±1.5% through MPU serial interface programming. During
final test of the telephone, the battery detect threshold is
measured. Then, the internal reference voltage value is
adjusted electronically through the MPU serial interface to
achieve the desired accuracy level. The voltage reference
register value should be stored in ROM during final test so
that it can be reloaded each time the MC13110A/B or
MC13111A/B is powered up (see Figure 131).
Figure 131. Bandgap Voltage Reference Adjustment
VrefAdj.
Bit #3
VrefAdj.
Bit #2
VrefAdj.
Bit #1
VrefAdj.
Bit #0
VrefAdj.
#
Vref Adj.
Amount
0
0
0
0
0
–9.0%
0
0
0
1
1
–7.8%
0
0
1
0
2
–6.6%
0
0
1
1
3
–5.4%
0
1
0
0
4
–4.2%
0
1
0
1
5
–3.0%
0
1
1
0
6
–1.8%
0
1
1
1
7
–0.6%
1
0
0
0
8
+0.6 %
1
0
0
1
9
+1.8 %
1
0
1
0
10
+3.0 %
1
0
1
1
11
+4.2 %
1
1
0
0
12
+5.4 %
1
1
0
1
13
+6.6 %
1
1
1
0
14
+7.8 %
1
1
1
1
15
+9.0 %
Switched Capacitor Filter Clock Programming
A block diagram of the switched capacitor filter clock
divider is show in Figure 132. There is a fixed divide by 2 after
the programmable divider. The switched capacitor filter clock
value is given by the following equation;
(SCF Clock) = F(2nd LO) / (SCF Divider Value * 2).
The scrambler modulation clock frequency (SMCF) is
proportional to the SCF clock. The following equation defines
its value:
SMCF = (SCF Clock)/40
The SCF divider should be set to a value which brings the
SCF Clock as close to 165.16 kHz as possible. This is based
on the 2nd LO frequency which is chosen in Figure 114.
Figure 132. SCF Clock Divider Circuit
LO2 Out
6–b
Programmable
SCF Clock Counter
LO2 In
2nd LO
Crystal
SCF
Clock
Divide
By 2.0
Scrambler
Modulation
Clock
Divide
By 40
MC13110A/B
only
Corner Frequency Programming for MC13110A/B and
MC13111A/B
Four different corner frequencies may be selected by
programming the SCF Clock divider as shown in Figures 133
and 134. It is important to note, that all filter corner
frequencies will change proportionately with the SCF Clock
Frequency and Scrambler Modulation Frequency. The
power–up default SCF Clock divider value is 31.
Figure 133. Corner Frequency Programming for 10.240 MHz 2nd LO
MC13110A/B
MC13111A/B
SCF Clock
Divider
Total
Divide
Value
SCF Clock
Freq. (kHz)
Rx Upper
Corner
Frequency (kHz)
Tx Upper
Corner
Frequency (kHz)
Scrambler
Modulation
Frequency
(Clk/40) (kHz)
Scrambler
Lower Corner
Frequency (Hz)
Scrambler
Upper Corner
Frequency (kHz)
29
58
176.55
4.147
3.955
4.414
267.2
3.902
29
30
58
60
176.55
170.67
4.147
4.008
3.955
3.823
4.414
4.267
267.2
258.3
3.902
3.772
31
32
62
64
165.16
160 00
3.879
3 758
3.700
3 584
4.129
4 000
250.0
242 2
3.650
3 536
32
64
160.00
3.758
3.584
4.000
242.2
3.536
NOTE: 18. All filter corner frequencies have a tolerance of
±3%.
19. Rx and Tx Upper Corner Frequencies are the same corner frequencies for the MC13110A/B in scrambler bypass


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com