Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 54 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 54 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 50Page - Motorola, Inc MC13110A Datasheet HTML 51Page - Motorola, Inc MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc MC13110A Datasheet HTML 57Page - Motorola, Inc MC13110A Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
MC13110A/B MC13111A/B
54
MOTOROLA ANALOG IC DEVICE DATA
Clock Divider/Voltage Adjust Register
This register controls the divider value for the
programmable switched capacitor filter clock divider, the low
battery detect threshold select, the voltage reference adjust,
and the scrambler bypass mode (MC13110A/B only).
Operation is explained in Figures 127 through 134. The Tx
and Rx Audio bits are don’t cares for either the MC13111A or
the MC13111B device. However, for the MC13110A/B, these
bits are defined. Figure 129 describes the operation. Note the
power–up default bit is set to <0>, which is the scrambler
bypass mode.
Low Battery Detect
The low battery detect circuit can be operated in
programmable and non–programmable threshold modes.
The non–programmable threshold mode is only available in
the 52 QFP package. In this mode, there are two low battery
detect comparators and the threshold values are set by
external resistor dividers which are connected to the REF1
and REF2 pins. In the programmable threshold mode,
several different threshold levels may be selected through
the “Low Battery Detect Threshold Register” as shown in Figure
128. The power–on default value for this register is <0,0,0> and
is the non–programmable mode. Figure 130 shows equivalent
schematics for the programmable and non–programmable
operating modes.
Figure 127. Clock Divider/Voltage Adjust Latch Bits
00
6–b Switched
Capacitor Filter Clock Counter Latch
4–b Voltage
Reference Adjust
3–b Low Battery
Detect Threshold Select
0
MSB
MSB
LSB
LSB
(MC13111A/B)
Tx Sbl
Bypass
Rx Sbl
Bypass
6–b Switched
Capacitor Filter Clock Counter Latch
4–b Voltage
Reference Adjust
3–b Low Battery
Detect Threshold Select
0
MSB
MSB
LSB
LSB
(MC13110A/B)
Figure 128. Low Battery Detect Threshold Selection
Low Battery
Detect
Threshold
Select Bit #2
Low Battery
Detect
Threshold
Select Bit #1
Low Battery
Detect
Threshold
Select Bit #0
Select #
Operating Mode
Nominal Low
Battery Detect
Threshold Value (V)
0
0
0
0
Non–Programmable
N/A
0
0
1
1
Programmable
2.850
0
1
0
2
Programmable
2.938
0
1
1
3
Programmable
3.025
1
0
0
4
Programmable
3.200
1
0
1
5
Programmable
3.288
1
1
0
6
Programmable
3.375
1
1
1
7
Programmable
3.463
NOTE: 17. Nominal Threshold Value is before electronic adjustment.
Figure 129. MC13110A/B Bypass Mode Bit Description
(MC13110A/B Only)
Tx Scrambler
Bypass
1
0
Tx Scrambler Post–Mixer LPF and Mixer Bypassed
Normal Operation with Tx Scrambler
Rx Scrambler
Bypass
1
0
Rx Scrambler Post–Mixer LPF and Mixer Bypassed
Normal Operation Rx Scrambler


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com