Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 53 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 53 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 49Page - Motorola, Inc MC13110A Datasheet HTML 50Page - Motorola, Inc MC13110A Datasheet HTML 51Page - Motorola, Inc MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc MC13110A Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
MC13110A/B MC13111A/B
53
MOTOROLA ANALOG IC DEVICE DATA
Carrier Detect Threshold Programming
The “CD Out” pin gives an indication to the microprocessor
if a carrier signal is present on the selected channel. The
nominal value and tolerance of the carrier detect threshold is
given in the carrier detect specification section of this
document. If a different carrier detect threshold value is
desired, it can be programmed through the MPU interface as
shown in Figure 126 below. Alternately, the carrier detect
threshold can be electronically adjusted during final test of
the telephone to reduce the tolerance of the carrier detect
threshold. This is done by measuring the threshold and then
by adjusting the threshold through the MPU interface. In this
case, it is necessary to store the carrier detect register value
in ROM so that the CD register can be reloaded each time the
combo IC is powered up. If a preamp is used before the first
mixer it may be desirable to scale the carrier detect range by
connecting an external resistor from the “RSSI” pin to
ground. The internal resistor is 187 k
Ω.
Figure 126. Carrier Detect Threshold Control
CD
Bit #4
CD
Bit #3
CD
Bit #2
CD
Bit #1
CD
Bit #0
CD
Control #
Carrier Detect
Threshold
0
0
0
0
0
0
– 20 dB
0
0
0
0
1
1
–19 dB
0
0
0
1
0
2
–18 dB
0
0
0
1
1
3
–17 dB
0
0
1
0
0
4
–16 dB
0
0
1
0
1
5
–15 dB
0
0
1
1
0
6
–14 dB
0
0
1
1
1
7
–13 dB
0
1
0
0
0
8
–12 dB
0
1
0
0
1
9
–11 dB
0
1
0
1
0
10
–10 dB
0
1
0
1
1
11
–9 dB
0
1
1
0
0
12
–8 dB
0
1
1
0
1
13
–7 dB
0
1
1
1
0
14
–6 dB
0
1
1
1
1
15
–5 dB
1
0
0
0
0
16
–4 dB
1
0
0
0
1
17
–3 dB
1
0
0
1
0
18
–2 dB
1
0
0
1
1
19
–1 dB
1
0
1
0
0
20
0 dB
1
0
1
0
1
21
1 dB
1
0
1
1
0
22
2 dB
1
0
1
1
1
23
3 dB
1
1
0
0
0
24
4 dB
1
1
0
0
1
25
5 dB
1
1
0
1
0
26
6 dB
1
1
0
1
1
27
7 dB
1
1
1
0
0
28
8 dB
1
1
1
0
1
29
9 dB
1
1
1
1
0
30
10 dB
1
1
1
1
1
31
11 dB


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com