Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 52 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 48Page - Motorola, Inc MC13110A Datasheet HTML 49Page - Motorola, Inc MC13110A Datasheet HTML 50Page - Motorola, Inc MC13110A Datasheet HTML 51Page - Motorola, Inc MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc MC13110A Datasheet HTML 55Page - Motorola, Inc MC13110A Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
MC13110A/B MC13111A/B
52
MOTOROLA ANALOG IC DEVICE DATA
Gain Control Register
The gain control register contains bits which control the Tx
Voltage Gain, Rx Voltage Gain, and Carrier Detect threshold.
Operation of these latch bits are explained in Figures 124,
125 and 126.
Tx and Rx Gain Programming
The Tx and Rx audio signal paths each have a
programmable gain block. If a Tx or Rx voltage gain, other
than the nominal power–up default, is desired, it can be
programmed through the MPU interface. Alternately, these
programmable gain blocks can be used during final test of the
telephone to electronically adjust for gain tolerances in the
telephone system (see Figure 125). In this case, the Tx and
Rx gain register values should be stored in ROM during final
test so that they can be reloaded each time the IC is powered
up.
Figure 124. Gain Control Latch Bits
5–b Tx Gain Control
5–b Rx Gain Control
5–b CD Threshold Control
0
Figure 125. Tx and Rx Gain Control
Gain Control
Bit #4
Gain Control
Bit #3
Gain Control
Bit #2
Gain Control
Bit #1
Gain Control
Bit #0
Gain
Control #
Gain/Attenuation
Amount
<6
–9 dB
0
0
1
1
0
6
–9 dB
0
0
1
1
1
7
–8 dB
0
1
0
0
0
8
–7 dB
0
1
0
0
1
9
–6 dB
0
1
0
1
0
10
–5 dB
0
1
0
1
1
11
–4 dB
0
1
1
0
0
12
–3 dB
0
1
1
0
1
13
–2 dB
0
1
1
1
0
14
–1 dB
0
1
1
1
1
15
0 dB
1
0
0
0
0
16
1 dB
1
0
0
0
1
17
2 dB
1
0
0
1
0
18
3 dB
1
0
0
1
1
19
4 dB
1
0
1
0
0
20
5 dB
1
0
1
0
1
21
6 dB
1
0
1
1
0
22
7 dB
1
0
1
1
1
23
8 dB
1
1
0
0
0
24
9 dB
1
1
0
0
1
25
10 dB
>25
10 dB


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com