Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 50 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 50 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 46Page - Motorola, Inc MC13110A Datasheet HTML 47Page - Motorola, Inc MC13110A Datasheet HTML 48Page - Motorola, Inc MC13110A Datasheet HTML 49Page - Motorola, Inc MC13110A Datasheet HTML 50Page - Motorola, Inc MC13110A Datasheet HTML 51Page - Motorola, Inc MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc MC13110A Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
MC13110A/B MC13111A/B
50
MOTOROLA ANALOG IC DEVICE DATA
Figure 120. Power Saving Application – Option 2 (MC13110A/MC13111A Only)
MPU Clk
Divider
Clk In
SPI Port
Clk Out
SPI Port
LO2 Out
LO2 In
MC13110A/
MC13111A
Microprocessor
CD Out/
HW Interrupt
Interrupt
External Timer
VCC
Mode
EN
CD Out/Hardware Interrupt
MPU Clock Out
CD Out Low
Delay after MPU selects Inactive Mode to when CD turns off.
CD Turns Off
External Timer
Pulls Pin Low
MPU Initiates
Mode Change
Timer Output
Disabled
MPU Initiates
Inactive Mode
“MPU Clock Out” remains active for a minimum of one count of reference
counter after “CD Out/Hardware Interrupt” pin goes high
Active/Rx
Inactive
Interrupt
Standby/Rx/Active
MPU “Clk Out” Divider Programming
The “Clk Out” signal is derived from the second local
oscillator. It can be used to drive a microprocessor (MPU) clock
input. This will eliminate the need for a separate crystal to drive
the MPU, thus reducing system cost. Figure 121 shows the
relationship between the second LO crystal frequency and the
clock output for each divide value. Figure 122 shows the “Clk
Out” register bit values. With a 10.24 MHz crystal, the divide by
312.5 gives the same clock frequency as a clock crystal and
allows the MPU to display the time on a LCD display without
additional external components.
Figure 121. Clock Output Values
Crystal
Clock Output Divider
Crystal
Frequency
2
2.5
3
4
5
20
80
312.5
10.24 MHz
5.120 MHz
4.096 MHz
3.413 MHz
2.560 MHz
2.048 MHz
512 kHz
128 kHz
32.768 kHz
11.15 MHz
5.575 MHz
4.460 MHz
3.717 MHz
2.788 MHz
2.230 MHz
557 kHz
139 kHz
35.680 kHz
12.00 MHz
6.000 MHz
4.800 MHz
4.000 MHz
3.000 MHz
2.400 MHz
600 kHz
150 kHz
38.400 kHz


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com