Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 5 Page - Motorola, Inc

  MC13110A Datasheet HTML 1Page - Motorola, Inc MC13110A Datasheet HTML 2Page - Motorola, Inc MC13110A Datasheet HTML 3Page - Motorola, Inc MC13110A Datasheet HTML 4Page - Motorola, Inc MC13110A Datasheet HTML 5Page - Motorola, Inc MC13110A Datasheet HTML 6Page - Motorola, Inc MC13110A Datasheet HTML 7Page - Motorola, Inc MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
MC13110A/B MC13111A/B
5
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
Figure
SECOND MIXER (No Modulation, fin = 10.7 MHz, 50 Ω Termination at Inputs)
Input Impedance
24
Mix2 In
Mix2 In
RP2 In
CP2 In
2.8
3.6
k
pF
Output Impedance
24
Mix2 Out
RP2 Out
CP2 Out
1.5
6.1
k
pF
Voltage Conversion Gain
(Vin = 1.0 mVrms, with CF2 Filter as Load)
26, 27
Mix2 In
Mix2 Out
MXgain2
20
dB
1.0 dB Voltage Compression Level (Input Referred)
IP3 Bit Set 0
28, 30
Mix2 In
Mix2 Out
VO
Mix2
1 dB
32
–17
mVrms
dBm
IP3 Bit Set 1
29, 30
45
–14
Third Order Intercept (Input Referred) [Note 6]
IP3 Bit Set 0
28, 30
Mix2 In
Mix2 Out
TOImix2
136
–4.3
mVrms
dBm
IP3 Bit Set 1
29, 30
158
–3.0
–3.0 dB IF Bandwidth
31
Mix2 In
Mix2 Out
Mix2 BW
2.5
MHz
LIMITER/DEMODULATOR (fin = 455 kHz, fdev = ±3.0 kHz, fmod = 1.0 kHz)
Input Impedance
49
Lim In
Lim In
RPLim
CPLim
1.5
16
k
pF
Detector Output Impedance
Det Out
RO
1.1
k
IF – 3.0 dB Limiting Sensitivity
1
Lim In
Det Out
IF Sens
71
100
µVrms
Demodulator Bandwidth
Lim In
Det Out
BW
20
kHz
RSSI/CARRIER DETECT (No Modulation)
RSSI Output Dynamic Range
56
Mix1 In
RSSI
RSSI
80
dB
DC Voltage Range
56
Mix1 In
RSSI
DC RSSI
0.2 to
1.5
Vdc
Carrier Detect Threshold
CD Threshold Adjust = (10100)
(Threshold Relative to Mix1 In Level)
57
Mix1 In
CD Out
VT
15
µVrms
Hysteresis, CD = (10100)
(Threshold Relative to Mix1 In Level)
57
Mix1 In
CD Out
Hys
2.0
dB
Output High Voltage
CD = (00000), RSSI = 0.2 V
1
RSSI
CD Out
VOH
VCC –
0.1
3.6
V
Output Low Voltage
CD = (11111), RSSI = 0.9 V
1
RSSI
CD Out
VOL
0.02
0.4
V
Carrier Detect Threshold Adjustment Range
(Programmable through MPU Interface)
126
VT
Range
–20 to
11
dB
Carrier Detect Threshold – Number of
Programmable Levels
126
VTn
32
NOTE:
6. Third order intercept calculated for input levels 10 dB below 1.0 dB compression point.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com