Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 49 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 45Page - Motorola, Inc MC13110A Datasheet HTML 46Page - Motorola, Inc MC13110A Datasheet HTML 47Page - Motorola, Inc MC13110A Datasheet HTML 48Page - Motorola, Inc MC13110A Datasheet HTML 49Page - Motorola, Inc MC13110A Datasheet HTML 50Page - Motorola, Inc MC13110A Datasheet HTML 51Page - Motorola, Inc MC13110A Datasheet HTML 52Page - Motorola, Inc MC13110A Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
MC13110A/B MC13111A/B
49
MOTOROLA ANALOG IC DEVICE DATA
Power Saving Application – Option 2 (MC13110A and
MC13111A Only)
In some handset applications it may be desirable to power
down all circuitry including the microprocessor (MPU). First
put the MC13110A/MC13111A into the Inactive mode. This
turns off the MPU Clock Output (see Figure 120) and
disables the microprocessor. Once a command is given to
switch the IC into an “Inactive” mode, the MPU Clock output
will remain active for a minimum of one reference counter
cycle (about 200
µs) and up to a maximum of two reference
counter cycles (about 400
µs). This is performed in order to
give the MPU adequate time to power down.
An external timing circuit should be used to initiate the
turn–on sequence. The “CD Out” pin has a dual function. In
the Active and Rx modes it performs the carrier detect
function. In the Standby and Inactive modes the carrier
detect circuit is disabled and the “CD Out” pin is in a “High”
state, because of an external pull–up resistor. In the Inactive
mode, the “CD Out” pin is the input for the hardware interrupt
function. When the “CD Out” pin is pulled “low”, by the
external timing circuit, the IC switches from the Inactive to the
Interrupt mode. Thereby turning on the MPU Clock Output.
The MPU can then resume control of the IC. The “CD Out”
pin must remain low until the MPU changes the operating
mode from Interrupt to Standby, Active, or Rx modes.
Figure 119. Power Saving Application – Option 1
Timer
MPU Clk
Divider
Clk In
SPI Port
Clk Out
SPI Port
LO2 Out
LO2 In
MC13110B
MC13111B
Microprocessor
Mode
MPU Timer
MPU
Clock
Out
“Low Power”
“Sniff”
Standby Mode
Rx Mode
32.8, 128 or 512 kHz
4.0 MHz


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com