Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 46 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 42Page - Motorola, Inc MC13110A Datasheet HTML 43Page - Motorola, Inc MC13110A Datasheet HTML 44Page - Motorola, Inc MC13110A Datasheet HTML 45Page - Motorola, Inc MC13110A Datasheet HTML 46Page - Motorola, Inc MC13110A Datasheet HTML 47Page - Motorola, Inc MC13110A Datasheet HTML 48Page - Motorola, Inc MC13110A Datasheet HTML 49Page - Motorola, Inc MC13110A Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
MC13110A/B MC13111A/B
46
MOTOROLA ANALOG IC DEVICE DATA
Figure 110. Latch Register Power–Up Defaults
Ri
C
MSB
LSB
Register
Count
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Tx
9966
1
0
0
1
1
0
1
1
1
0
1
1
1
0
Rx
7215
0
1
1
1
0
0
0
0
1
0
1
1
1
1
Ref
2048
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Mode
N/A
0
0
0
0
1
1
0
1
1
1
0
1
1
1
1
Gain
N/A
0
1
1
1
1
0
1
1
1
1
1
0
1
0
0
SCF
(MC13110A/B)
31
0
0
0
0
1
1
1
0
0
0
1
1
1
1
1
SCF
(MC13111A/B)
31
0
0
0
0
1
1
1
0
1
1
1
1
1
Aux
N/A
0
0
0
0
0
0
0
NOTE: 12. Bits 6 and 7 in the SCF latch register are ”Don’t Cares” for the MC13111A/B since this part does not have a scrambler.
Tx and Rx Counter Registers
The 14 bit Tx and Rx counter registers are used to select
the transmit and receive channel frequencies. In the Rx
counter there is an “IP3 Increase” bit that allows the ability to
trade off increased receiver mixer performance versus
reduced power consumption. With “IP3 increase” = <1>,
there is about a 10 dB improvement in 1 dB compression and
3rd order intercept for both the 1st and 2nd mixers. However,
there is also an increase in power supply current of 1.3 mA.
The power–up default for the MC13111A/B is “IP3 Increase”
= <0>. The register bits are shown in Figure 111.
Reference Counter Register
Reference Counter
Figure 113 shows how the reference frequencies for the
Rx and Tx loops are generated. All countries except the U.K.
require that the Tx and Rx reference frequencies be identical.
In this case, set “U.K. Base Select” and “U.K. Handset
Select” bits to “0”. Then the fixed divider is set to “1” and the
Tx and Rx reference frequencies will be equal to the crystal
oscillator frequency divided by the programmable reference
counter value.
The U.K. is a special case which requires a different
reference frequency value for Tx and Rx. For U.K. base
operation, set “U.K. Base Select” to “1”. For U.K. handset
operation, set “U.K. Handset Select” to “1”. The Netherlands
is also a special case. A 2.5 kHz reference frequency is used
for both the Tx and Rx reference and the total divider value
required is 4096. This is larger than the maximum divide
value available from the 12–bit reference divider (4095). In
this case, set “U.K. Base Select” to “1” and set “U.K. Handset
Select” to “1”. This will give a fixed divide by 4 for both the Tx
and Rx reference. Then set the reference divider to 1024 to
get a total divider of 4096.
Figure 111. Rx and Tx Counter Register Latch Bits
14–b Tx Counter
MSB
LSB
14–b Rx Counter
MSB
LSB
Tx Counter Latch
0
0
IP3
Increase
0
Rx Counter Latch
Figure 112. Reference Counter Register
12–b Ref Counter
MSB
LSB
U.K.
Handset
Select
U.K.
Base
Select
0
0


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com