Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 44 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 44 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 40Page - Motorola, Inc MC13110A Datasheet HTML 41Page - Motorola, Inc MC13110A Datasheet HTML 42Page - Motorola, Inc MC13110A Datasheet HTML 43Page - Motorola, Inc MC13110A Datasheet HTML 44Page - Motorola, Inc MC13110A Datasheet HTML 45Page - Motorola, Inc MC13110A Datasheet HTML 46Page - Motorola, Inc MC13110A Datasheet HTML 47Page - Motorola, Inc MC13110A Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MC13110A/B MC13111A/B
44
MOTOROLA ANALOG IC DEVICE DATA
SERIAL PROGRAMMABLE INTERFACE
Microprocessor Serial Interface
The Data, Clock, and Enable (“Data”, “Clk”, and “EN”
respectively) pins provide a MPU serial interface for
programming the reference counters, the transmit and
receive channel divide counters, the switched capacitor filter
clock counter, and various other control functions. The “Data”
and “Clk” pins are used to load data into the MC13111A/B
shift register (Figure 109). Figure 105 shows the timing
required on the “Data” and “Clk” pins. Data is clocked into the
shift register on positive clock transitions.
Figure 105. Data and Clock Timing Requirement
Data,
Clk, EN
Data
Clk
tsuDC
tr
tf
50%
50%
th
10%
90%
After data is loaded into the shift register, the data is
latched into the appropriate latch register using the “EN” pin.
This is done in two steps. First, an 8–bit address is loaded
into the shift register and latched into the 8–bit address latch
register. Then, up to 16–bits of data is loaded into the shift
register and latched into the data latch register. It is specified
by the address that was previously loaded. Figure 106 shows
the timing required on the EN pin. Latching occurs on the
negative EN transition.
Figure 106. Enable Timing Requirement
Clk
EN
tsuEC
50%
50%
50%
trec
Previous Data Latched
Last
Clock
First
Clock
50%
The state of the “EN” pin when clocking data into the shift
register determines whether the data is latched into the
address register or a data register. Figure 107 shows the
address and data programming diagrams. In the data
programming mode, there must not be any clock transitions
when “EN” is high. The clock can be in a high state (default
high) or a low state (default low) but must not have any
transitions during the “EN” high state. The convention in
these figures is that latch bits to the left are loaded into the
shift register first. A minimum of four “Clk” rising edge
transition must occur before a negative “EN” transition will
latch data or an address into a register.
Figure 107. Microprocessor Interface
Programming Mode Diagrams
Data
Latch
8–Bit Address
EN
Data
EN
Address Register Programming Mode
16–Bit Data
Data Register Programming Mode
Latch
Latch
MSB
MSB
LSB
LSB
The MPU serial interface is fully operational within 100
µs
after the power supply has reached its minimum level during
power–up (see Figure 108). The MPU Interface shift
registers and data latches are operational in all four power
saving modes; Inactive, Standby, Rx, and Active Modes.
Data can be loaded into the shift registers and latched into
the latch registers in any of the operating modes.
Figure 108. Microprocessor Serial
Interface Power–Up Delay
VCC
tpuMPU
2.7 V
Data,
Clk, EN


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com