Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 41 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 41 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 37Page - Motorola, Inc MC13110A Datasheet HTML 38Page - Motorola, Inc MC13110A Datasheet HTML 39Page - Motorola, Inc MC13110A Datasheet HTML 40Page - Motorola, Inc MC13110A Datasheet HTML 41Page - Motorola, Inc MC13110A Datasheet HTML 42Page - Motorola, Inc MC13110A Datasheet HTML 43Page - Motorola, Inc MC13110A Datasheet HTML 44Page - Motorola, Inc MC13110A Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
MC13110A/B MC13111A/B
41
MOTOROLA ANALOG IC DEVICE DATA
By substituting into equation (4), solve for T2:
T2
+
tan
Qp
2 )
p
4
wp
(8)
By choosing a value for wp and Qp, T1 and T2 can be
calculated. The choice of Qp determines the stability of the
loop. In general, choosing a phase margin of 45 degrees is a
good choice to start calculations. Choosing lower phase
margins will provide somewhat faster lock–times, but also
generate higher overshoots on the control line to the VCO.
This will present a less stable system. Larger values of phase
margin provide a more stable system, but also increase
lock–times. The practical range for phase margin is 30
degrees up to 70 degrees.
The selection of wp is strongly related to the desired
lock–time. Since it is quite complicated to accurately
calculate lock time, a good first order approach is:
T_lock
[ 3
wp
(9)
Equation (9) only provides an order of magnitude for lock
time. It does not clearly define what the exact frequency
difference is from the desired frequency and it does not show
the effect of phase margin. It assumes, however, that the
phase detector steps up to the desired control voltage
without hesitation. In practice, such step response approach
is not really valid. The two input frequencies are not locked.
Their phase maybe momentarily zero and force the phase
detector into a high impedance mode. Hence, the lock times
may be found to be somewhat higher.
In general, wp should be chosen far below the reference
frequency in order for the filter to provide sufficient
attenuation at that frequency. In some applications, the
reference frequency might represent the spacing between
channels. Any feedthrough to the VCO that shows up as a
spur might affect adjacent channel rejection. In theory, with
the loop in lock, there is no signal coming from the phase
detector. But in practice leakage currents will be supplied to
both the VCO and the phase detector. The external
capacitors may show some leakage, too. Hence, the lower
wp, the better the reference frequency is filtered, but the
longer it takes for the loop to lock.
As shown in Figure 98, the open loop gain at wp is 1 (or
0 dB), and thus the absolute value of the complex open loop
gain as shown in equation (3) solves C1:
C1
+
K
pd
KoT1
w2KnT2
1
) wpT2
2
1
) wpT1
2
(10)
With C1 known, and equation (2) solve C2 and R2:
C2
+ C1 T2
T1
* 1
(11)
R2
+ T2
C2
(12)
The VCO gain is dependent on the selection of the
external inductor and the frequency required. The free
running frequency of the VCO is determined by:
f
+
1
2
p LC
T
(13)
In which L represents the external inductor value and CT
represents the total capacitance (including internal
capacitance) in parallel with the inductor. The VCO gain can
be easily calculated via the internal varicap transfer curve
shown below.
Figure 99. Varicap Capacitance
versus Control Voltage
0
15
14
12
13
11
10
9.0
8.0
7.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
As can be derived from Figure 99, the varicap capacitance
changes 1.3 pF over the voltage range from 1.0 V to 2.0 V:
DCvar +
1.3 pF
V
(14)
Combining (13) with (14) the VCO gain can be determined
by:
Ko +
1
jw
1
2
p
L C
T )
DCvar
2
*
1
2
p
L C
T )
DCvar
2
(15)
Although the basic loopfilter previously described provides
adequate performance for most applications, an extra pole
may be added for additional reference frequency filtering.
Given that the channel spacing in a CT–0 telephone set is
based on the reference frequency, and any feedthrough to


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com