Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 40 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 36Page - Motorola, Inc MC13110A Datasheet HTML 37Page - Motorola, Inc MC13110A Datasheet HTML 38Page - Motorola, Inc MC13110A Datasheet HTML 39Page - Motorola, Inc MC13110A Datasheet HTML 40Page - Motorola, Inc MC13110A Datasheet HTML 41Page - Motorola, Inc MC13110A Datasheet HTML 42Page - Motorola, Inc MC13110A Datasheet HTML 43Page - Motorola, Inc MC13110A Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
MC13110A/B MC13111A/B
40
MOTOROLA ANALOG IC DEVICE DATA
Loop Filter Characteristics
Lets consider the following discussion on loop filters. The
fundamental loop characteristics, such as capture range,
loop bandwidth, lock–up time, and transient response are
controlled externally by loop filtering.
Figure 96 is the general model for a Phase Lock Loop
(PLL).
Phase
Detector (Kpd)
Filter
(Kf)
VCO
(Ko)
fo
Divider
(Kn)
fi
Figure 96. PLL Model
Where:
Kpd = Phase Detector Gain Constant
Kf = Loop Filter Transfer Function
Ko = VCO Gain Constant
Kn = Divide Ratio (1/N)
fi = Input frequency
fo = Output frequency
fo/N = Feedback frequency divided by N
From control theory the loop transfer function can be
represented as follows:
A = Kpd Kf Ko Kn Open loop gain
Kpd can be either expressed as being 2.5 V/4.0 π or
1.0 mA/2.0
π for the CT–0 circuits. More details about
performance of different type PLL loops, refer to Motorola
application note AN535.
The loop filter can take the form of a simple low pass filter.
A current output, type 2 filter will be used in this discussion
since it has the advantage of improved step response,
velocity, and acceleration.
The type 2 low pass filter discussed here is represented as
follows:
From
Phase
Detector
To VCO
R2
C2
C1
Figure 97. Loop Filter
with Additional Integrating Element
From Figure 97, capacitor C1 forms an additional
integrator, providing the type 2 response, and filters the
discrete current steps from the phase detector output. The
function of the additional components R2 and C2 is to create
a pole and a zero (together with C1) around the 0 dB point of
the open loop gain. This will create sufficient phase margin
for stable loop operation.
In Figure 98, the open loop gain and the phase is
displayed in the form of a Bode plot. Since there are two
integrating functions in the loop, originating from the loopfilter
and the VCO gain, the open loop gain response follows a
second order slope (–40 dB/dec) creating a phase of –180
degrees at the lower and higher frequencies. The filter
characteristic needs to be determined such that it is adding a
pole and a zero around the 0 dB point to guarantee sufficient
phase margin in this design (Qp in Figure 98).
Phase
Figure 98. Bode Plot of Gain and
Phase in Open Loop Condition
wp
Open Loop Gain
Qp
–180
–90
0
0
The open loop gain including the filter response can be
expressed as:
A
openloop +
K
pd
Ko(1 ) jw(R2C2))
jwKn jw 1 ) jw
R2C1C2
C1
)C2
(1)
The two time constants creating the pole and the zero in
the Bode plot can now be defined as:
T1
+ R2C1C2
C1
) C2
T2
+ R2C2
(2)
By substituting equation (2) into (1), it follows:
A
openloop +
K
pd
KoT1
w2C1KnT2
1
) jwT2
1
) jwT1
(3)
The phase margin (phase + 180) is thus determined by:
Qp + arctan(wT2)–arctan(wT1)
(4)
At w=wp, the derivative of the phase margin may be set to
zero in order to assure maximum phase margin occurs at wp
(see also Figure 98). This provides an expression for wp:
dQp
dw
+ 0 +
T2
1
) (wT2)
2
T1
1
) (wT1)
2
(5)
w
+ wp +
1
T2T1
(6)
Or rewritten:
T1
+
1
wp
2T2
(7)


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com