Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 39 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 35Page - Motorola, Inc MC13110A Datasheet HTML 36Page - Motorola, Inc MC13110A Datasheet HTML 37Page - Motorola, Inc MC13110A Datasheet HTML 38Page - Motorola, Inc MC13110A Datasheet HTML 39Page - Motorola, Inc MC13110A Datasheet HTML 40Page - Motorola, Inc MC13110A Datasheet HTML 41Page - Motorola, Inc MC13110A Datasheet HTML 42Page - Motorola, Inc MC13110A Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
MC13110A/B MC13111A/B
39
MOTOROLA ANALOG IC DEVICE DATA
PLL SYNTHESIZER SECTION
PLL Frequency Synthesizer General Description
Figure 95 shows a simplified block diagram of the
programmable universal dual phase locked loop (PLL)
designed into the MC13110A/B and MC13111A/B IC. This
dual PLL is fully programmable through the MCU serial
interface and supports most country channel frequencies
including USA (25 ch), Spain, Australia, Korea, New Zealand,
U.K., Netherlands, France, and China (see channel frequency
tables in AN1575, “Worldwide Cordless Telephone
Frequencies”).
The 2nd local oscillator and reference divider provide the
reference frequency signal for the Rx and Tx PLL loops. The
programmed divider value for the reference divider is
selected based on the crystal frequency and the desired Rx
and Tx reference frequency values. For the U.K., additional
divide by 25 and divide by 4 blocks are provided to allow for
generation of the 1.0 kHz and 6.2 kHz reference frequencies.
The 14–bit Rx counter is programmed for the desired first
local oscillator frequency. The 14–bit Tx counter is
programmed for the desired transmit channel frequency. All
counters power–up to a set default state for USA channel #21
using a 10.24 MHz reference frequency crystal (see power–up
default latch register state in the Serial Programmable
Interface section).
To extend the sensitivity of the 1st LO for U.S. 25 channel
operation, internal fixed capacitors can be connected to the
tank circuit through microprocessor programmable control.
When designing the external PLL loop filters, it is
recommended that the Tx and Rx phase detectors be
considered as current drive type outputs. The loop filter
control voltage must be 0.5 V away from either the positive or
negative supply rail.
PLL I/O Pin Configurations
The 2nd LO, Rx and Tx PLL’s, and MPU serial interface are
powered by the internal voltage regulator at the “PLL Vref” pin.
The “PLL Vref” pin is the output of a voltage regulator which is
powered from the “VCC Audio” power supply pin. It is regulated
by an internal bandgap voltage reference. Therefore, the
maximum input and output levels for most of the PLL I/O pins
(LO2 In, LO2 Out, Rx PD, Tx PD, Tx VCO) is the regulated
voltage at the “PLL Vref” pin. The ESD protection diodes on
these pins are also connected to “PLL Vref”.
Internal level shift buffers are provided for the pins (Data,
Clk, EN, Clk Out) which connect directly to the
microprocessor. The maximum input and output levels for
these pins is VCC. Figure 94 shows a simplified schematic of
the I/O pins.
Figure 94. PLL I/O Pin Simplified Schematics
PLL Vref
(2.5 V)
In
I/O
VCC Audio
(2.7 to 5.5 V)
PLL Vref
(2.5 V)
VCC Audio
(2.7 to 5.5 V)
Clk Out Pin
Data, Clk and EN Pins
LO2 In, LO2 Out,
Rx PD, Tx PD and
Tx VCO Pins
Out
2.0
µA
PLL Loop Control Voltage Range
The control voltage for the Tx and Rx loop filters is set by
the phase detector outputs which drive the external loop
filters. The phase detectors are best considered to have a
current mode type output. The output can have three states;
ground, high impedance, and positive supply, which in this
case is the voltage at “PLL Vref”. When the loop is locked the
phase detector outputs are at high impedance. An exception
of this state is for narrow current pulses, referenced to either
the positive or negative supply rails. If the loop voltages get
within 0.5 V of either rail the linear current output starts to
degrade. The phase detector current source was not
designed to operate at the supply rails. VCO tuning range will
also be limited by this voltage range
The maximum loop control voltage is the “PLL Vref” voltage
which is 2.5 V. If a higher loop control voltage range is
desired, the “PLL Vref” pin can be pulled to a higher voltage.
It can be tied directly to the VCC voltage (with suitable filter
capacitors connected close to each pin). When this is done,
the internal voltage regulator is automatically disabled. This
is commonly used in the telephone base set where an
external 5.0 V regulated voltage is available. It is important to
remember, that if “PLL Vref” is tied to VCC and VCC is not a
regulated voltage, the PLL loop parameters and lock–up time
will vary with supply voltage variation. The phase detector
gain constant, Kpd, will not be affected if the “PLL Vref” is tied
to VCC.
Figure 95. Dual PLL Simplified Block Diagram
14–b Programmable
Rx Counter
14–b Programmable
Tx Counter
12–b
Programmable
Reference
Counter
÷ 25
÷1
÷ 4
LO2 In
LO2 Out
1
2
Tx PD
8
6
Tx VCO
Rx PD
4
LO1 In
40
LO1 Out
41
Tx Phase
Detector
(Current
Output)
Rx Phase
Detector
(Current
Output)
LP Loop Filter
Tx Ref
Rx Ref
U.K. Base
U.K. Handset
U.K. Handset
U.K. Base
Vcap Ctrl
42
1st LO
LP Loop Filter
Tx
VCO
Programmable
Internal Capacitor


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com