Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 38 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 34Page - Motorola, Inc MC13110A Datasheet HTML 35Page - Motorola, Inc MC13110A Datasheet HTML 36Page - Motorola, Inc MC13110A Datasheet HTML 37Page - Motorola, Inc MC13110A Datasheet HTML 38Page - Motorola, Inc MC13110A Datasheet HTML 39Page - Motorola, Inc MC13110A Datasheet HTML 40Page - Motorola, Inc MC13110A Datasheet HTML 41Page - Motorola, Inc MC13110A Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
MC13110A/B MC13111A/B
38
MOTOROLA ANALOG IC DEVICE DATA
–9.0
t, TIME (
µs)
t, TIME (
µs)
t, TIME (
µs)
Tx PROGRAMMABLE GAIN CONTROL SETTING
A
–4.0
–12
–16
–20
B
C
–8.0
–7.0
–5.0
–3.0
–1.0
1.0
3.0
5.0
7.0
9.0
A: ALC Off, Limiter Off
B: ALC Off, Limiter On
C: ALC On, Limiter On or Off
VCC = 3.6 V
Limiter and ALC Off
Limiter On and ALC Off
Limiter On and ALC On
0
200 mV/Div
500
µs/Div
200 mV/Div
500
µs/Div
200 mV/Div
500
µs/Div
4.0
2.0
0
3.0
1.0
4.0
2.0
0
3.0
1.0
0
–60
0
C In, INPUT VOLTAGE LEVEL (dBV)
C In, INPUT VOLTAGE LEVEL (dBV)
–5.0
–40
–10
–15
–20
–30
–40
–50
–50
–40
–30
–20
–10
0
10
–40
–30
–10
0
–20
ALC Off,
Limiter On
Distortion
ALC Off,
Limiter Off
10
–60
–25
–35
–5.0
–10
–15
–20
–25
–30
–35
Compressor Transfer
Compressor Transfer
Distortion
Figure 88. Tx Audio Compressor Response
Figure 89. Tx Audio Compressor Response
Figure 90. Tx Audio Maximum Output Voltage
versus Gain Control Setting
Figure 91. Tx Output Audio Response
Figure 92. Tx Output Audio Response
Figure 93. Tx Audio Output Response
Tx AUDIO


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com