Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 36 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 36 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 32Page - Motorola, Inc MC13110A Datasheet HTML 33Page - Motorola, Inc MC13110A Datasheet HTML 34Page - Motorola, Inc MC13110A Datasheet HTML 35Page - Motorola, Inc MC13110A Datasheet HTML 36Page - Motorola, Inc MC13110A Datasheet HTML 37Page - Motorola, Inc MC13110A Datasheet HTML 38Page - Motorola, Inc MC13110A Datasheet HTML 39Page - Motorola, Inc MC13110A Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MC13110A/B MC13111A/B
36
MOTOROLA ANALOG IC DEVICE DATA
Transmit Audio Path
This portion of the audio path goes from “C In” to “Tx Out”.
The “C In” pin will be ac–coupled. The audio transmit signal
path includes automatic level control (ALC) (also referred to
as the Compressor), Tx mute, limiter, filters, and Tx gain
adjust. The ALC provides “soft” limiting to the output signal
swing as the input voltage slowly increases. With this
technique the gain is slightly lowered to help reduce distortion
of the audio signal. The limiter section provides hard limiting
due to rapidly changing signal levels, or transients. This is
accomplished by clipping the signal peaks. The ALC, Tx
mute, and limiter functions can be enabled or disabled via the
MPU serial interface. The Tx gain adjust can also be remotely
controlled to set different desired signal levels. The typical
maximum output voltage at “Tx Out” should be approximately
0 dBV @ THD = 5.0%.
Figures 82 to 86 represent the transmit audio path filter
response. The filter response attenuation, again, is very
definite above 3800 Hz. This is the filter cutoff frequency.
Inband (audio), wideband, and ripple characteristics are also
shown in these graphs.
The compressor transfer characteristics, shown in
Figure 87, has three different slopes. A typical compressor
slope can be found between –55 and –15 dBV. Here the
slope is 2.0. At an input level above –15 dBV the automatic
level control (ALC) function is activated and prevents hard
clipping of the output. The slope below –55 dBV input level is
one. This is where the compressor curve ends. Above 5.0
dBV the output actually begins to decrease and distort. This
is due to supply voltage limitations.
In Figure 88 the ALC function is off. Here the compressor
curve continues to increase above –15 dBV up to –4.0 dBV.
The limiter begins to clip the output signal at this level and
distortion is rapidly rising. Similarly, Figure 68 (ALC and
Limiter Off) shows to compressor transfer curve extending all
the way up to the maximum output. Finally, Figure 90 through
93 show the Tx Out signal versus several combinations of
ALC and Limiter selected.
Figure 81 is the noise data measured for the
MC13110A/13111A. This data is for 0 dB gain setting and –20
dBV (100 mVrms) audio levels.
Figure 81. Tx Path Noise Data
Transmit
Scrambler
Transmit
Gain
(dB)
Amp_Out
(dBV)
Tx_Out
(dBV)
off/on
muted
muted
< –95
off
–9.0
< –95
–83
off
0
< –95
–74
off
10
< –95
–64
on (MC13110A)
–9.0
< –95
–82
on (MC13110A)
0
< –95
–73
on (MC13110A)
10
–< –95
–63
Mic Amp
Like the Speaker Amp the Mic Amp is also an inverting
rail–to–rail operational amplifier. The noninverting input
terminal is connected to the internal VB reference. External
resistors and capacitors are used to set the gain and
frequency response. The “Tx In” input is ac–coupled.


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com