Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 33 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 29Page - Motorola, Inc MC13110A Datasheet HTML 30Page - Motorola, Inc MC13110A Datasheet HTML 31Page - Motorola, Inc MC13110A Datasheet HTML 32Page - Motorola, Inc MC13110A Datasheet HTML 33Page - Motorola, Inc MC13110A Datasheet HTML 34Page - Motorola, Inc MC13110A Datasheet HTML 35Page - Motorola, Inc MC13110A Datasheet HTML 36Page - Motorola, Inc MC13110A Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
MC13110A/B MC13111A/B
33
MOTOROLA ANALOG IC DEVICE DATA
Receive Audio Path
The Rx Audio signal path begins at “Rx Audio In” and goes
through the IC to “E Out”. The “Rx Audio In”, “Scr Out”, and
“E In” pins are all ac–coupled. This signal path consists of
filters; programmable Rx gain adjust, Rx mute, and volume
control, and finally the expander. The typical maximum
output voltage at “E Out” should be approximately 0 dBV @
THD = 5.0% .
Figures 71 to 73 represent the receive audio path filter
response. The filter response attenuation is very sharp above
3900 Hz, which is the cutoff frequency. Inband (audio),
out–of–band, and ripple characteristics are also shown in
these graphs.
The group delay (Figure 75) has a peak around 6.5 kHz.
This spike is formed by rapid change in the phase at the
frequency. In practice this does not cause a problem since
the signal is attenuated by at least 50 dB.
The output capability at “Scr Out” and “E Out” are shown in
Figures 76, 77, and 78. The results were obtained by
increasing the input level for 2.0% distortion at the outputs.
In Figure 70, noise data for the Rx audio path is shown.
At Scr Out, the noise level clearly rises when the scrambler is
enabled. However, assuming a nominal output level of –20
dBV (100 mVrms) at the 0 dB gain setting, the noise floor is
more than 56 dB below the audio signal. However, the noise
data at E Out and SA Out is much more improved.
Speaker Amp
The Speaker Amp is an inverting rail–to–rail operational
amplifier. The noninverting input is connected to the internal
VB reference. External resistors and capacitors are used to
set the gain and frequency response. The “SA In” input pin
must be ac–coupled. The typical output voltage at “SA Out” is
2.6 Vpp with a 130 Ω load. The speaker amp response is
shown in Figures 79 and 80.
Data Amp Comparator
The data amp comparator is an inverting hysteresis
comparator. Its open collector output has an internal 100 k
pull–up resistor. A band pass filter is connected between the
“Det Out” pin and the “DA In” pin with component values as
shown in the Application Circuit schematic. The “DA In” input
signal needs to be ac–coupled, too.
Figure 70. Rx Path Noise Data
Receive
Scrambler
Receive Gain
(dB)
Volume
(dB)
SCR_Out
(dBV)
E_Out
(dBV)
SA_Out
(dBV)
off/on
muted
muted
< –95
< –95
< –95
off
–9.0
–14
–92
< –95
< –95
off
0
0
–85
< –95
< –95
off
1.0
16
–76
< –95
< –95
on (MC13110A/B)
–9.0
–14
–85
< –95
< –95
on (MC13110A/B)
0
0
–77
< –95
< –95
on (MC13110A/B)
10
16
–66
< –95
< –95


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com