Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 31 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 27Page - Motorola, Inc MC13110A Datasheet HTML 28Page - Motorola, Inc MC13110A Datasheet HTML 29Page - Motorola, Inc MC13110A Datasheet HTML 30Page - Motorola, Inc MC13110A Datasheet HTML 31Page - Motorola, Inc MC13110A Datasheet HTML 32Page - Motorola, Inc MC13110A Datasheet HTML 33Page - Motorola, Inc MC13110A Datasheet HTML 34Page - Motorola, Inc MC13110A Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
MC13110A/B MC13111A/B
31
MOTOROLA ANALOG IC DEVICE DATA
RF System Performance
The sensitivity of the IC is typically 0.4
µVrms matched
(single ended or differential) with no preamp. To achieve
suitable system performance, a preamp and passive
duplexer may be used. In production final test, each section
of the IC is separately tested to guarantee its system
performance in the specific application. The preamp and
duplexer (differential, matched input) yields typically
–115 dBm @ 12 dB SINAD sensitivity performance under full
duplex operation. See Figure 45 and 48.
The duplexer is important to achieve full duplex operation
without significant “de–sensing” of the receiver by the
transmitter. The combination of the duplexer and preamp
circuit should attenuate the transmitter power to the receiver
by over 60 dB. This will improve the receiver system noise
figure without giving up too much IMD performance.
The duplexer may be a two piece unit offered by Shimida,
Sansui, or Toko products (designed for 25 channel CT–0
cordless phone). The duplexer frequency response at the
receiver port has a notch at the transmitter frequency band of
about 35 to 40 dB with a 2.0 to 3.0 dB insertion loss at the
receiver frequency band.
The preamp circuit utilizes a tuned transformer at the
output side of the amplifier. This transformer is designed to
bandpass filter at the receiver input frequency while rejecting
the transmitter frequency. The tuned preamp also improves
the noise performance by reducing the bandwidth of the pass
band and by reducing the second stage contribution of the
1st mixer. The preamp is biased such that it yields suitable
noise figure and gain.
The following matching networks have been used to
obtain 12 dB SINAD sensitivity numbers:
1:5
15
1:5
15
Figure 60. Matching Input Networks
Differential Match
Single–ended Match
Single–ended 50
Mix1 In1
Mix1 In2
Mix1 In1
Mix1 In2
Mix1 In1
Mix1 In2
RF In1
RF In1
RF In1
360
680
39
39
49.9
0.01
0.01
The exact impedance looking into the RF In1 pin is
displayed in the following table along with the sensitivity
levels.
Figure 61. 12 dB SINAD Sensitivity Levels, US
Handset Application Channel 21
Sensitivity
(dBm)
Input
Impedance
(dBm)
Differential matched
–115.3
50.2
± 0.1j
Single–ended match
–114.8
50.2
± 0.1j
Single–ended 50
–100.1
50.2
± 0.1j
The graphs in Figures 64 to 69 are performance results
based on Evaluation Board Schematic (Figure 138). This
evaluation board did not use a duplexer or preamp stage.
Figure 62 is a summary of the RF performance and Figure 63
contains the French RF Performance Summary.
Figure 62. RF Performance Summary
for US Applications
MC13110A/MC13111A (fdev = 3.0 kHz, fmod = 1.0 kHz, 50
Ω)
Parameter
Handset
Baseset
Unit
Sensitivity at
12 dB SINAD
–100.1
–100.1
dBm
Recovered Audio
132
132
mVrms
SINAD @ –30 dBm
41.8
41.4
dB
THD @ –30 dBm
0.8
0.8
%
S/N @ –30 dBm
78.2
78.5
dB
AMRR @ –30 dBm
73.4
72.2
dB
RSSI range
>80
>80
dB
Figure 63. RF Performance Summary
for US French Applications
MC13110A/MC13111A (fdev = 1.5 kHz, fmod = 1.0 kHz, 50
Ω)
Parameter
Handset
Baseset
Unit
Sensitivity at
12 dB SINAD
–91
–90.8
dBm
Recovered Audio
89.8
90
mVrms
SINAD @ –30 dBm
42.1
44.3
dB
THD @ –30 dBm
0.8
0.8
%
S/N @ –30 dBm
75.7
75.1
dB
AMRR @ –30 dBm
56
84.7
dB
RSSI range
>80
>80
dB


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com