Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 29 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 25Page - Motorola, Inc MC13110A Datasheet HTML 26Page - Motorola, Inc MC13110A Datasheet HTML 27Page - Motorola, Inc MC13110A Datasheet HTML 28Page - Motorola, Inc MC13110A Datasheet HTML 29Page - Motorola, Inc MC13110A Datasheet HTML 30Page - Motorola, Inc MC13110A Datasheet HTML 31Page - Motorola, Inc MC13110A Datasheet HTML 32Page - Motorola, Inc MC13110A Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
MC13110A/B MC13111A/B
29
MOTOROLA ANALOG IC DEVICE DATA
Figure 51. Ceramic Resonator Demodulator
Schematic with Murata CDBM450C48
C28
390 p
Rext
2.7 k
Ceramic Resonator
Murata
CDBM450C34
Lim Out1
Q Coil
(CDBM455C48 US; CDBM450C48 France)
The “S–curve” for the ceramic discriminator shown in
Figure 54 is centered around 450 kHz. It is for the French
application. The same resonator is also used for the US
application and is centered around 455 kHz. Clearly, the
“S–curves” for the resonator and quad coil have very similar
limiter outputs. As discussed previously, the slope of the
“S–curve” centered around the center frequency can be
controlled by the parallel resistor, Rext. Distortion, bandwidth,
and audio output level will be affected.
Figure 52. S–Curve of Limiter
Discriminator with Quadrature Coil
0.2
0.6
1.0
1.4
2.2
425
435
445
485
Lim In, INPUT FREQUENCY (kHz)
1.8
455
465
475
Toko 7MCS–8128Z
Figure 53. Typical Limiter Output
Waveform with Quadrature Coil
IF LIMITER AND DEMODULATION
Figure 54. S–Curve of Limiter
Discriminator with Ceramic Resonator
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.7
440
442
444
446
448
460
Lim In, INPUT FREQUENCY (kHz)
1.4
1.5
450
452
454
456
458
Murata CDBM450C48
1.6
Figure 55. Typical Limiter Output
Waveform with Ceramic Resonator
f = 455 kHz
Vpptyp = 344 mV
0
1.0
t, TIME (ms)
600
400
200
800
f = 450 kHz
Vpptyp = 370 mV
0
1.0
t, TIME (ms)
600
400
200
800


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com