Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110A Datasheet(PDF) 26 Page - Motorola, Inc

Part # MC13110A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110A Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MC13110A Datasheet HTML 22Page - Motorola, Inc MC13110A Datasheet HTML 23Page - Motorola, Inc MC13110A Datasheet HTML 24Page - Motorola, Inc MC13110A Datasheet HTML 25Page - Motorola, Inc MC13110A Datasheet HTML 26Page - Motorola, Inc MC13110A Datasheet HTML 27Page - Motorola, Inc MC13110A Datasheet HTML 28Page - Motorola, Inc MC13110A Datasheet HTML 29Page - Motorola, Inc MC13110A Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
MC13110A/B MC13111A/B
26
MOTOROLA ANALOG IC DEVICE DATA
Second Local Oscillator
The 2nd LO is a CMOS oscillator. It is used as the PLL
reference oscillator and local oscillator for the second
frequency conversion in the RF receiver. It is designed to
utilize an external parallel resonant crystal. See schematic in
Figure 39.
Figure 39. Second Local Oscillator Schematic
2nd LO
RPI
CPI
RPO
CPO
Gm
LO2 In
LO2 Out
Xtal
C2
C1
Figure 40. Second Local Oscillator
Input and Output Impedance
Input Impedance (RPI // CPI)
11.6 k
Ω // 2.9 pF
Output Impedance (RPO // CPO)
9.6 k
Ω // 2.7 pF
Figure 41 shows a typical gain/phase response of the
second local oscillator. Load capacitance (CL), equivalent
series resistance (ESR), and even supply voltage will have
and affect on the 2nd LO response as shown in Figures 45
and 46. Except for the standby mode open loop gain is fairly
constant as supply voltage increases from 2.5 V. This is due
to the regulated voltage of 2.5 V on PLL Vref. From the graphs
it can seen that optimum performance is achieved when C1
equals C2 (C1/C2 = 1).
Figure 46 represents the ESR versus crystal load
capacitance for the 2nd LO. This relationship was defined by
using a 6.0 dB minimum loop gain margin at 3.6 V. This is
considered the minimum gain margin to guarantee oscillator
start–up.
Oscillator start–up is also significantly affected by the
crystal load capacitance selection. In Figures 42 and 43 the
relationship between crystal load capacitance, supply
voltage, and external load capacitance ratio (C2/C1), can be
seen. The lower the load capacitance the better the
performance.
Given the desired crystal load capacitance, C1 and C2
can be determined from Figure 47. It is also interesting to
point out that current consumption increases when C1
≠ C2,
as shown in Figure 44.
Be careful not to overdrive the crystal. This could cause a
noise problem. An external series resistor on the crystal
output can be added to reduce the drive level, if necessary.
0
6.0
10.235
15
CAPACITOR RATIO (C2:C1)
Figure 41. Second LO Gain/Phase @ –10 dBm
f, FREQUENCY (MHz)
Figure 42. Start–Up Time versus Capacitor
Ratio, Inactive to Rx Mode
Gain
10.24 MHz Crystal
CL = 10 pF
RS = 20 Ω
VCC = 5.0 V
VCC = 3.6 V
VCC = 2.3 V
VCC = 2.7 V
10
5.0
0
–5.0
–10
–15
–20
–25
5.0
4.0
3.0
2.0
1.0
0
10.24
10.245
Phase
90
67.5
45
22.5
0
–22.5
–45
–67.5
–90
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10.24 MHz Crystal
CL = 10 pF
RS = 20 Ω
C1 = C2 = 15 pF
SECOND LOCAL OSCILLATOR


Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com