Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3 Datasheet(PDF) 4 Page - Simtek Corporation

Part # STK16C88-3
Description  32Kx8 AutoStore nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3 Datasheet(HTML) 4 Page - Simtek Corporation

  STK16C88-3_08 Datasheet HTML 1Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 2Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 3Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 4Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 5Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 6Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 7Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 8Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Jan, 2008
Document Control #ML0019 Rev 2.0
STK16C88-3
SRAM READ CYCLES #1 & #2
(VCC = 3.0V-3.6V)
Note f:
W must be high during SRAM READ cycles and low during SRAM WRITE cycles.
Note g:
I/O state assumes E, G < VIL and W > VIH; device is continuously selected.
Note h:
Measured + 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledf, g
SRAM READ CYCLE #2: E and G Controlledf
NO.
SYMBOLS
PARAMETER
STK16C88-3-35
UNITS
#1, #2
Alt.
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
35
ns
2
tAVAV
f, t
ELEH
f
tRC
Read Cycle Time
35
ns
3
tAVQV
g
tAA
Address Access Time
35
ns
4
tGLQV
tOE
Output Enable to Data Valid
15
ns
5
tAXQX
g
tOH
Output Hold after Address Change
5
ns
6
tELQX
tLZ
Chip Enable to Output Active
5
ns
7
tEHQZ
h
tHZ
Address Change or Chip Disable to Output Inactive
13
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
ns
9
tGHQZ
h
tOHZ
Output Disable to Output Inactive
13
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
ns
11
tEHICCL
d, e
tPS
Chip Disable to Power Standby
35
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tELEH
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ
3
tAVQV
27
tAVEL


Similar Part No. - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-35 ETC1-STK16C88-35 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-35I ETC1-STK16C88-35I Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3WF35 CYPRESS-STK16C88-3WF35 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com