Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3 Datasheet(PDF) 2 Page - Simtek Corporation

Part # STK16C88-3
Description  32Kx8 AutoStore nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3 Datasheet(HTML) 2 Page - Simtek Corporation

  STK16C88-3_08 Datasheet HTML 1Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 2Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 3Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 4Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 5Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 6Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 7Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 8Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Jan, 2008
Document Control #ML0019 Rev 2.0
STK16C88-3
PIN CONFIGURATIONS
PIN DESCRIPTIONS
Pin Name
I/O
Description
A14-A0
Input
Address: The 15 address inputs select one of 32,768 bytes in the nvSRAM array
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM
E
Input
Chip Enable: The active low E input selects the device
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address
location latched by the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tri-state.
VCC
Power Supply
Power: 3.3V, ±0.3V
VSS
Power Supply
Ground
A14
A12
A7
A6
DQ0
DQ1
DQ2
A3
A2
A1
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
E
A5
A4
28
27
26
25
VCC
W
DQ5
DQ3
DQ4
G
(TOP)
28 Pin 600 mil PDIP


Similar Part No. - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-35 ETC1-STK16C88-35 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-35I ETC1-STK16C88-35I Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3WF35 CYPRESS-STK16C88-3WF35 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com