Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88-3 Datasheet(PDF) 13 Page - Simtek Corporation

Part # STK16C88-3
Description  32Kx8 AutoStore nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88-3 Datasheet(HTML) 13 Page - Simtek Corporation

Back Button STK16C88-3_08 Datasheet HTML 5Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 6Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 7Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 8Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 9Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 10Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 11Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 12Page - Simtek Corporation STK16C88-3_08 Datasheet HTML 13Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
STK16C88-3
Jan, 2008
Document Control #ML0019 Rev 2.0
Document Revision History
SIMTEK STK16C88-3 Datasheet, January 2008
Copyright 2007, Simtek Corporation. All rights reserved.
This datasheet may only be printed for the expressed use of Simtek Customers. No part of the datasheet may be reproduced in any other
form or means without the express written permission from Simtek Corporation. The information contained in this publication is believed to be
accurate, but changes may be made without notice. Simtek does not assume responsibility for, or grant or imply any warranty, including
MERCHANTABILITY or FITNESS FOR A PARTICULAR PURPOSE regarding this information, the product or its use. Nothing herein consti-
tutes a license, grant or transfer of any rights to any Simtek patent, copyright, trademark, or other proprietary right.
Revision
Date
Summary
0.0
December 2002
0.1
September 2003
Added lead-free lead finish
0.2
March 2006
Removed 45ns and 55ns speed grades, Removed Leaded lead finish.
0.3
February 2007
Add fast power-down slew rate information
Add Product Ordering Code Listing
Add Package Drawings
Reformat Entire Document
2.0
January 2008
Extend definition of tHZ (#7)
Page 4: updated the SRAM READ CYCLE #2 figure, SRAM WRITE CYCLE #1 figure, Note
l, and Note n to clarify product usage
Page 10: added best practices section.
Page 11: added access times column to the Ordering codes.


Similar Part No. - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88-35 ETC1-STK16C88-35 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-35I ETC1-STK16C88-35I Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-3WF35 ETC1-STK16C88-3WF35 Datasheet
319Kb / 11P
32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88-3WF35 SIMTEK-STK16C88-3WF35 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88-3WF35 CYPRESS-STK16C88-3WF35 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK16C88-3_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com