Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3 Datasheet(PDF) 18 Page - Simtek Corporation

Part # STK14C88-3
Description  32Kx8 AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-3 Datasheet(HTML) 18 Page - Simtek Corporation

Back Button STK14C88-3_08 Datasheet HTML 10Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 11Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 12Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 13Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 14Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 15Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 16Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 17Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 18Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
18
Feb, 2008
Document Control #ML0015 Rev 2.0
STK14C88-3
Document Revision History
SIMTEK STK14C88-3 Datasheet, February 2008
Copyright 2008, Simtek Corporation. All rights reserved.
This datasheet may only be printed for the expressed use of Simtek Customers. No part of the datasheet may be reproduced in any other
form or means without the express written permission from Simtek Corporation. The information contained in this publication is believed to be
accurate, but changes may be made without notice. Simtek does not assume responsibility for, or grant or imply any warranty, including MER-
CHANTABILITY or FITNESS FOR A PARTICULAR PURPOSE regarding this information, the product or its use. Nothing herein constitutes a
license, grant or transfer of any rights to any Simtek patent, copyright, trademark, or other proprietary right.
Revision
Date
Summary
0.0
January 2003
Added 35 nsec device; added HSB operation; current limiting resistor added to Vcc for
extreme power-off slew rate
0.1
February 2003
Added 48 SSOP package
0.2
September 2003
Added lead-free lead finish
0.3
November 2003
Modified pin assignments on 48 SSOP package
0.4
January 2006
Removed 48 pin SSOP package.
Removed 55 ns product offering.
Added previously unspecified NVC and DATAR specifications to DC Characteristics.
0.5
March 2006
Removed Leaded Lead Finish
0.6
February 2007
Add Tape Reel Ordering Options
Add Product Ordering Code Listing
Add Package Drawings
Reformat Entire Document
0.7
July 2007
extend definition of tHZ (#7)
update fig. SRAM READ CYCLE #2, SRAM WRITE CYCLE #1, Note r, Note u and Note v to
clarify product usage
2.0
February 2008
Page 1: in the block diagram and elsewhere in the document, removed the “x” from Vccx.
Page 3: added thermal characteristics.
Page 4: in Note g below the SRAM Read Cycles #1 and #2 table, revised note g by deleting
“and low during SRAM WRITE cycles; in SRAM Read Cycles #1 & #2 table, revised descrip-
tion for tELQX; changed Symbol #2 to
t
ELEH for Read Cycle Time; updated SRAM Read Cycle
#2 timing diagram; and changed title to add G controlled.
Page 7: in Hardware Store Cycle table, removed footnote i for notes 22 and 23.
Page 8: in Software Store/Recall Mode Selection table, added footnote n to both rows.
Page 11: under HSB Operation, revised first paragraph to read “The HSB pin has a very
resistive pullup...”
Page 12: added best practices section.
Page 15: added access times column to the Ordering codes.


Similar Part No. - STK14C88-3_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3N35 ETC-STK14C88-3N35 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N35I ETC-STK14C88-3N35I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N45 ETC-STK14C88-3N45 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N45I ETC-STK14C88-3N45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N55 ETC-STK14C88-3N55 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Similar Description - STK14C88-3_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com