Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3 Datasheet(PDF) 15 Page - Simtek Corporation

Part # STK14C88-3
Description  32Kx8 AutoStore nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-3 Datasheet(HTML) 15 Page - Simtek Corporation

Back Button STK14C88-3_08 Datasheet HTML 10Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 11Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 12Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 13Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 14Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 15Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 16Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 17Page - Simtek Corporation STK14C88-3_08 Datasheet HTML 18Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
STK14C88-3
Feb, 2008
Document Control #ML0015 Rev 2.0
ORDERING INFORMATION
Part Number
Description
Access Times
Temperature
STK14C88-3WF35
3.3V 32Kx8 AutoStore nvSRAM PDIP32-600
35 ns access time
Commercial
STK14C88-3WF45
3.3V 32Kx8 AutoStore nvSRAM PDIP32-600
45 ns access time
Commercial
STK14C88-3NF35
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
35 ns access time
Commercial
STK14C88-3NF45
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
45 ns access time
Commercial
STK14C88-3NF35TR
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
35 ns access time
Commercial
STK14C88-3NF45TR
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
45 ns access time
Commercial
STK14C88-3WF35I
3.3V 32Kx8 AutoStore nvSRAM PDIP32-600
35 ns access time
Industrial
STK14C88-3WF45I
3.3V 32Kx8 AutoStore nvSRAM PDIP32-600
45 ns access time
Industrial
STK14C88-3NF35I
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
35 ns access time
Industrial
STK14C88-3NF45I
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
45 ns access time
Industrial
STK14C88-3NF35ITR
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
35 ns access time
Industrial
STK14C88-3NF45ITR
3.3V 32Kx8 AutoStore nvSRAM SOP32-300
45 ns access time
Industrial


Similar Part No. - STK14C88-3_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3N35 ETC-STK14C88-3N35 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N35I ETC-STK14C88-3N35I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N45 ETC-STK14C88-3N45 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N45I ETC-STK14C88-3N45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88-3N55 ETC-STK14C88-3N55 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
More results

Similar Description - STK14C88-3_08

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com