Electronic Components Datasheet Search |
|
STK14C88 Datasheet(PDF) 2 Page - Simtek Corporation |
|
|
STK14C88 Datasheet(HTML) 2 Page - Simtek Corporation |
2 / 19 page 2 Feb, 2008 Document Control #ML0014 Rev 2.0 STK14C88 PIN CONFIGURATIONS PIN DESCRIPTIONS Pin Name I/O Description A14-A0 Input Address: The 15 address inputs select one of 32,768 bytes in the nvSRAM array DQ7-DQ0 I/O Data: Bi-directional 8-bit data bus for accessing the nvSRAM E Input Chip Enable: The active low E input selects the device W Input Write Enable: The active low W enables data on the DQ pins to be written to the address location latched by the falling edge of E G Input Output Enable: The active low G input enables the data output buffers during read cycles. De-asserting G high caused the DQ pins to tri-state. VCC Power Supply Power: 5.0V, +10% HSB I/O Hardware Store Busy: When low this output indicates a Store is in progress. When pulled low external to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor keeps this pin high if not connected. (Connection Optional). VCAP Power Supply AutoStore Capacitor: Supplies power to nvSRAM during power loss to store data from SRAM to nonvolatile storage elements. VSS Power Supply Ground A14 A12 A7 A6 DQ0 DQ1 DQ2 A3 A2 A1 VCAP A13 A8 A9 A11 A10 DQ7 DQ6 VSS A0 NC 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 E A5 NC A4 32 31 30 29 VCC HSB W DQ5 DQ3 DQ4 G (TOP) A6 A3 A5 A4 DQ0 A2 A1 A0 A10 DQ7 A8 A9 A11 NC NC A13 E G (TOP) 32-Pin 300 mil SOIC 32-Pin 300 mil CDIP 32-Pin 450 mil LCC |
Similar Part No. - STK14C88_08 |
|
Similar Description - STK14C88_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |