Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX990ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX990ESA
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX990ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX990ESA Datasheet HTML 1Page - Maxim Integrated Products MAX990ESA Datasheet HTML 2Page - Maxim Integrated Products MAX990ESA Datasheet HTML 3Page - Maxim Integrated Products MAX990ESA Datasheet HTML 4Page - Maxim Integrated Products MAX990ESA Datasheet HTML 5Page - Maxim Integrated Products MAX990ESA Datasheet HTML 6Page - Maxim Integrated Products MAX990ESA Datasheet HTML 7Page - Maxim Integrated Products MAX990ESA Datasheet HTML 8Page - Maxim Integrated Products MAX990ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX985/MAX986/MAX989/MAX990/MAX993/
MAX994 single/dual/quad micropower comparators
feature low-voltage operation and rail-to-rail inputs and
outputs. Their operating voltages range from 2.5V to
5.5V, making them ideal for both 3V and 5V systems.
These comparators also operate with ±1.25V to ±2.75V
dual supplies. They consume only 11µA of supply cur-
rent while achieving a 300ns propagation delay.
Input bias current is typically 1.0pA, and input offset
voltage is typically 0.5mV. Internal hysteresis ensures
clean output switching, even with slow-moving input
signals.
The output stage’s unique design limits supply-current
surges while switching, virtually eliminating the supply
glitches typical of many other comparators. The
MAX985/MAX989/MAX993 have a push-pull output
stage that sinks as well as sources current. Large inter-
nal output drivers allow rail-to-rail output swing with
loads up to 8mA. The MAX986/MAX990/MAX994 have
an open-drain output stage that can be pulled beyond
VCC to 6V (max) above VEE. These open-drain versions
are ideal for level translators and bipolar to single-
ended converters.
The single MAX985 is available in a chip-scale pack-
age (UCSP™), significantly reducing the required PC
board area. The single MAX985/MAX986 are available
in 5-pin SC70 packages and the dual MAX989/MAX990
are available in 8-pin SOT23 packages.
____________________________Features
♦ 11µA Quiescent Supply Current
♦ 2.5V to 5.5V Single-Supply Operation
♦ Common-Mode Input Voltage Range Extends
250mV Beyond the Rails
♦ 300ns Propagation Delay
♦ Push-Pull Output Stage Sinks and Sources
8mA Current (MAX985/MAX989/MAX993)
♦ Open-Drain Output Voltage Extends Beyond VCC
(MAX986/MAX990/MAX994)
♦ Unique Output Stage Reduces Output Switching
Current, Minimizing Overall Power Consumption
♦ 80µA Supply Current at 1MHz Switching
Frequency
♦ No Phase Reversal for Overdriven Inputs
♦ Available in Space-Saving Packages:
UCSP (MAX985)
SOT23 (MAX985/MAX986/MAX989/MAX990)
µ
MAX® (MAX989/MAX990)
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
(BUMPS ON BOTTOM)
UCSP
MAX985
B1
B2
B3
A1
A2
A3
IN+
IN-
N.C.
VEE
OUT
VCC
Pin Configurations
19-1229; Rev 4; 1/07
Ordering Information
Ordering Information continued at end of data sheet.
Typical Application Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
Portable/Battery-
Powered Systems
Mobile Communications
Zero-Crossing Detectors
Window Comparators
Level Translators
Threshold Detectors/
Discriminators
Ground/Supply-Sensing
Applications
IR Receivers
Digital Line Receivers
PART
PIN-PACKAGE
TOP
MARK
PKG
CODE
MAX985EBT-T
6 UCSP-6
AAY
B6-1
MAX985EXK-T
5 SC70-5
ABK
X5-1
Applications
Selector Guide
PART
COMPARATORS
PER PACKAGE
OUTPUT
STAGE
MAX985
1
Push-Pull
MAX986
1
Open-Drain
MAX989
2
Push-Pull
MAX990
2
Open-Drain
MAX993
4
Push-Pull
MAX994
4
Open-Drain
UCSP is a trademark and µMAX is a registered trademark of
Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note: All devices are specified over the -40°C to +85°C operating
temperature range.


Similar Part No. - MAX990ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX990ESA MAXIM-MAX990ESA Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX990ESA++ MAXIM-MAX990ESA+ Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
More results

Similar Description - MAX990ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com