![]() |
Electronic Components Datasheet Search |
|
MAX990ESA Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
|
MAX990ESA Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 13 page ![]() Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators _______________________________________________________________________________________ 9 Zero-Crossing Detector Figure 3 shows a zero-crossing detector application. The MAX985’s inverting input is connected to ground, and its noninverting input is connected to a 100mVP-P signal source. As the signal at the noninverting input crosses 0V, the comparator’s output changes state. Logic-Level Translator Figure 4 shows an application that converts 5V logic lev- els to 3V logic levels. The MAX986 is powered by the 5V supply voltage, and the pullup resistor for the MAX986’s open-drain output is connected to the 3V supply voltage. This configuration allows the full 5V logic swing without creating overvoltage on the 3V logic inputs. For 3V to 5V logic-level translation, simply connect the 3V supply to VCC and the 5V supply to the pullup resistor. UCSP Applications Information For the latest application details on UCSP construction, dimensions, tape carrier information, PCB techniques, bump-pad layout, and recommended reflow tempera- ture profile, as well as the latest information on reliability testing results, refer to the Application Note: UCSP—A Wafer-Level Chip-Scale Package on Maxim’s web site at www.maxim-ic.com/ucsp. MAX985 IN+ 4 3 OUT 1 2 5 VCC 100mV VCC VEE IN- MAX986 IN- 100kΩ 100kΩ 4 3 RPULLUP 3V (5V) LOGIC OUT OUT 1 5 2 VCC 5V (3V) 3V (5V) VEE 5V (3V) LOGIC IN IN+ Figure 3. Zero-Crossing Detector Figure 4. Logic-Level Translator |
Similar Part No. - MAX990ESA |
|
Similar Description - MAX990ESA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |