Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX990EUA-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX990EUA-T
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX990EUA-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX990EUA-T Datasheet HTML 5Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 6Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 7Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 8Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 9Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 10Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 11Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 12Page - Maxim Integrated Products MAX990EUA-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
9
Zero-Crossing Detector
Figure 3 shows a zero-crossing detector application.
The MAX985’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVP-P
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
Figure 4 shows an application that converts 5V logic lev-
els to 3V logic levels. The MAX986 is powered by the 5V
supply voltage, and the pullup resistor for the MAX986’s
open-drain output is connected to the 3V supply voltage.
This configuration allows the full 5V logic swing without
creating overvoltage on the 3V logic inputs. For 3V to 5V
logic-level translation, simply connect the 3V supply to
VCC and the 5V supply to the pullup resistor.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, PCB techniques,
bump-pad layout, and recommended reflow tempera-
ture profile, as well as the latest information on reliability
testing results, refer to the Application Note: UCSP—A
Wafer-Level Chip-Scale Package on Maxim’s web site
at www.maxim-ic.com/ucsp.
MAX985
IN+
4
3
OUT
1
2
5
VCC
100mV
VCC
VEE
IN-
MAX986
IN-
100kΩ
100kΩ
4
3
RPULLUP
3V (5V)
LOGIC OUT
OUT
1
5
2
VCC
5V (3V)
3V (5V)
VEE
5V (3V) LOGIC IN
IN+
Figure 3. Zero-Crossing Detector
Figure 4. Logic-Level Translator


Similar Part No. - MAX990EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX990EUA MAXIM-MAX990EUA Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX990EUA+T MAXIM-MAX990EUA+T Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
More results

Similar Description - MAX990EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com