Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX990EKA-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX990EKA-T
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX990EKA-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX990EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX990EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V to 5.5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µs
20
tPU
Power-Up Time
ns
VCC = 5.0V
80
tFALL
OUT Fall Time
50
40
300
450
100mV overdrive
100mV overdrive
CL = 15pF
300
tPD+
Propagation Delay
450
ns
450
tPD-
300
MAX985/MAX989/
MAX993 only
10mV overdrive
100mV overdrive
MAX985/MAX989/
MAX993 only, CL = 15pF
10mV overdrive
10mV overdrive
CL = 15pF
CL = 50pF
CL = 200pF
MAX986/MAX990/
MAX994 only,
RPULLUP = 5.1kΩ
Note 1: All device specifications are 100% production tested at TA = +25°C. Limits over the extended temperature range are guar-
anteed by design.
Note 2: Inferred from the VOS test. Both or either inputs can be driven 0.3V beyond either supply rail without output phase reversal.
Note 3: VOS is defined as the center of the hysteresis band at the input.
Note 4: IB is defined as the average of the two input bias currents (IB-, IB+).
CL = 15pF
CL = 50pF
CL = 200pF
VCC = 5.0V
ns
80
tRISE
OUT Rise Time
(MAX985/MAX989/
MAX993 only)
50
40
VCC = 5V,
ISOURCE = 8mA
V
4.6
4.85
VOH
OUT Output Voltage High
(MAX985/MAX989/
MAX993 only)
TA = +25°C
4.45
TA = -40°C to +85°C
VCC = 2.7V,
ISOURCE = 3.5mA
2.4
2.55
TA = +25°C
2.3
TA = -40°C to +85°C


Similar Part No. - MAX990EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX990EKA-T MAXIM-MAX990EKA-T Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
More results

Similar Description - MAX990EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com