Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

193 Datasheet(PDF) 1 Page - CTS Corporation

Part # 193
Description  Side Actuated, Through Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

193 Datasheet(HTML) 1 Page - CTS Corporation

  193 Datasheet HTML 1Page - CTS Corporation 193 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Side Actuated,
Surface Mount
DIP Switches
Features
Optimized Mechanical Features
• Coplanarity: 0.1mm/.004" maximum
• Enclosed actuators shield contacts from foreign
particles throughout life of switch
• Gull-wing terminal configuration
• Compatible with SMT assembly including IR and
Vapor-phase (up to 260°C)
Optimized Contact System
• Contact wiping action on make and break
• Lock-over-center design provides positive detent action
• Optimized, active contact design incorporating
dimple-to-flat surface wiping interface with high
contact force
Materials
• Gold plated contacts for long-term contact corrosion
resistance
• Tin plated terminals for better solderability
Series 193 SMT DIP
Switch Function
SPST-2 through 10 positions
Switch Contact Resistance
50 milliohms maximum initial
100 milliohms maximum at end of life
Insulation Resistance
1,000 megohms minimum between insulated terminals
Dielectric Strength
500 VAC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5.0 pF maximum between adjacent closed switches
Operating Temperature
–40°C to +85°C
Actuation Life
7,000 cycles switching 50 mA @ 24 VDC
Allowable Solder Time
Up to 60 seconds at 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15G’S between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
(50G’S) with no contact inconsistencies greater
than 1 microsecond
Sealing
Bottom epoxy seal standard
Marking
Special side or top marking available-consult CTS
Electrical and Mechanical Specifications
• RoHS compliant
• Integral terminal and contact locked into high temperature
plastic base
Packaging
Standard : Anti-static tube packaging
Optional : Tape and reel packaging
1 - 2
©2008 CTS Corporation. All rights reserved. Information subject to change.
05/05/08
CTS Electrocomponents
www.ctscorp.com
• SPST configuration,2 through 10 positions
• All UL 94V-0 plastic used
Coplanarity
Coplanarity of 0.1mm / .004" max


Similar Part No. - 193

ManufacturerPart #DatasheetDescription
logo
Littelfuse
193 LITTELFUSE-193 Datasheet
63Kb / 2P
MINIATURE FUSES
logo
List of Unclassifed Man...
193 ETC2-193 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
193-2MS CTS-193-2MS Datasheet
328Kb / 1P
DIP Switches
193-3MS CTS-193-3MS Datasheet
328Kb / 1P
DIP Switches
More results

Similar Description - 193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
Side Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
ROCKER ACTUATED DIP SWITCHES
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com