Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7612 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M7612
Description  PIR CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M7612 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  M7612 Datasheet HTML 1Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 2Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 3Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 4Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 5Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 6Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 7Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 8Page - List of Unclassifed Manufacturers M7612 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
2007-05-29
PIR CONTROLLER
PIR CONTROLLER
M7612
一华半导体股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ELECTRICAL CHARACTERISTICS 电气规格
一. RELAY APPLICATION
Note:
( 1 ) To adjust delay time , change VR1 value. ( VR1=1M , delay time is ≧ 10 sec )
( 2 ) For different CDS , R8 value should be adjusted.
C1
0.01uF
VR1 1MΩ
R13 100Ω/ 1/2W
C2
100pF
R1
4.7KΩ
R14 5.6KΩ
C3
100uF
R2
620KΩ
D1
1N4001
C4
0.01uF
R3
47KΩ
D3
1N4148
C5
33uF
R4
15KΩ
ZD1 12V
C6
0.1uF
R5
820KΩ
ZD2 5.6V
C7
47uF
R6
560KΩ
C8
0.047uF
R7
15KΩ
C9
47uF
R8
51KΩ
C10 100uF/10V
R9
470KΩ
C11
220uF/25V
R10 1MΩ
C12 0.47uF/400~600V
R11
2.4KΩ
C13 0.047uF/400~600V R12 47Ω/ 1/2W
电容
电阻
频率
DELAY 时间(秒)
103
4.7K
40KHz
10
103
10K
20KHz
16
103
20K
10KHz
28
103
100K
2KHz
130
103
200K
0.8KHz
260
103
1M
0.2KHz
1300
M7612 TCI PIN 外加电阻、电容与 Delay 时间的关系
PIR
M7612P
1
16
8
9
Lamp
UOU1
NII1
II1
VREF
VSS
TCI
TRAIC
TB
UOU2
C5
II2
VDD
ZCD
CDS
RELAY
C8
R7
R5
C9
C4
C1
R4
R3
C12
C6
R1
C3
C2
R14
R13
C7
R2
R6
C13
R9
R8
R10
R12
R11
D3
C11
AC
L
N
RELAY
ZD2
C10
ZD1
D1
QTEST
NII2
CDS
VR1


Similar Part No. - M7612

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7612 UTC-M7612 Datasheet
118Kb / 5P
VIDEO SIGNAL SWITCHER
M7612-G08-T UTC-M7612-G08-T Datasheet
118Kb / 5P
VIDEO SIGNAL SWITCHER
M7612-G08-T UTC-M7612-G08-T Datasheet
123Kb / 5P
VIDEO SIGNAL SWITCHER
M7612-S08-R UTC-M7612-S08-R Datasheet
118Kb / 5P
VIDEO SIGNAL SWITCHER
M7612-S08-R UTC-M7612-S08-R Datasheet
123Kb / 5P
VIDEO SIGNAL SWITCHER
More results

Similar Description - M7612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
PIR intelligent controller
logo
List of Unclassifed Man...
M7616 ETC2-M7616 Datasheet
179Kb / 4P
DC PIR CONTROLLER
logo
Pericom Semiconductor C...
PT8A263 PERICOM-PT8A263 Datasheet
346Kb / 11P
PIR Alarm Controller
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
General Purpose PIR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com