Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CDG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7221CDG4
Description  DUAL DIGITAL ISOLATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221CDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7221CDG4 Datasheet HTML 6Page - Texas Instruments ISO7221CDG4 Datasheet HTML 7Page - Texas Instruments ISO7221CDG4 Datasheet HTML 8Page - Texas Instruments ISO7221CDG4 Datasheet HTML 9Page - Texas Instruments ISO7221CDG4 Datasheet HTML 10Page - Texas Instruments ISO7221CDG4 Datasheet HTML 11Page - Texas Instruments ISO7221CDG4 Datasheet HTML 12Page - Texas Instruments ISO7221CDG4 Datasheet HTML 13Page - Texas Instruments ISO7221CDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SWITCHING CHARACTERISTICS
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755H – JULY 2006 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com
VCC1 and VCC2 at 3.3 V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH,
Propagation delay
290
400
485
tpHL
ISO722xA
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
1
18
tpLH,
Propagation delay
46
62
78
tpHL
ISO722xB
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
1
4
See Figure 1
tpLH,
Propagation delay
26
40
52
tpHL
ISO722xC
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
1
3
tpLH,
Propagation delay
8
16
25
tpHL
ISO722xM
ns
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
0.5
1
ISO722xA
190
ISO722xB
17
tsk(pp)
Part-to-part skew(2)
ISO722xC
10
ISO722xM
5
ISO722xA
3
15
tsk(o)
Channel-to-channel output skew (3)
ISO722xB
0.6
3
ISO722xC/M
0.2
1
tr
Output signal rise time
2
See Figure 1
tf
Output signal fall time
2
tfs
Failsafe output delay time from input power loss
See Figure 2
3
µs
150 Mbps PRBS NRZ data, 5-bit max same
polarity input, both channels, See Figure 4,
1
Figure 17
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO722xM
ns
150 Mbps unrestricted bit run length data
2
input, both channels, See Figure 4
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221CDG4 TI-ISO7221CDG4 Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221CDG4 TI1-ISO7221CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
More results

Similar Description - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com