Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CDG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221CDG4
Description  DUAL DIGITAL ISOLATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221CDG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO7221CDG4 Datasheet HTML 15Page - Texas Instruments ISO7221CDG4 Datasheet HTML 16Page - Texas Instruments ISO7221CDG4 Datasheet HTML 17Page - Texas Instruments ISO7221CDG4 Datasheet HTML 18Page - Texas Instruments ISO7221CDG4 Datasheet HTML 19Page - Texas Instruments ISO7221CDG4 Datasheet HTML 20Page - Texas Instruments ISO7221CDG4 Datasheet HTML 21Page - Texas Instruments ISO7221CDG4 Datasheet HTML 22Page - Texas Instruments ISO7221CDG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ISOLATION GLOSSARY
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com ................................................................................................................................................................ SLLS755H – JULY 2006 – REVISED MAY 2008
Creepage Distance — The shortest path between two conductive input to output leads measured along the
surface of the insulation. The shortest distance path is found around the end of the package body.
Clearance — The shortest distance between two conductive input to output leads measured through air (line of
sight).
Input-to Output Barrier Capacitance — The total capacitance between all input terminals connected together,
and all output terminals connected together.
Input-to Output Barrier Resistance — The total resistance between all input terminals connected together, and
all output terminals connected together.
Primary Circuit — An internal circuit directly connected to an external supply mains or other equivalent source
which supplies the primary circuit electric power.
Secondary Circuit — A circuit with no direct connection to primary power, and derives its power from a separate
isolated source.
Comparative Tracking Index (CTI) — CTI is an index used for electrical insulating materials which is defined as
the numerical value of the voltage which causes failure by tracking during standard testing. Tracking is the
process that produces a partially conducting path of localized deterioration on or through the surface of an
insulating material as a result of the action of electric discharges on or close to an insulation surface -- the higher
CTI value of the insulating material, the smaller the minimum creepage distance.
Generally, insulation breakdown occurs either through the material, over its surface, or both. Surface failure may
arise from flashover or from the progressive degradation of the insulation surface by small localized sparks. Such
sparks are the result of the breaking of a surface film of conducting contaminant on the insulation. The resulting
break in the leakage current produces an overvoltage at the site of the discontinuity, and an electric spark is
generated. These sparks often cause carbonization on insulation material and lead to a carbon track between
points of different potential. This process is known as tracking.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221CDG4 TI-ISO7221CDG4 Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7221CDG4 TI1-ISO7221CDG4 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results

Similar Description - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com