Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CDG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221CDG4
Description  DUAL DIGITAL ISOLATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221CDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7221CDG4 Datasheet HTML 7Page - Texas Instruments ISO7221CDG4 Datasheet HTML 8Page - Texas Instruments ISO7221CDG4 Datasheet HTML 9Page - Texas Instruments ISO7221CDG4 Datasheet HTML 10Page - Texas Instruments ISO7221CDG4 Datasheet HTML 11Page - Texas Instruments ISO7221CDG4 Datasheet HTML 12Page - Texas Instruments ISO7221CDG4 Datasheet HTML 13Page - Texas Instruments ISO7221CDG4 Datasheet HTML 14Page - Texas Instruments ISO7221CDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PARAMETER MEASUREMENT INFORMATION
IN
OUT
VO
CL
Input
Generator
50 W
VI
NOTE A
NOTEB
V
1/2
CC
t f
t r
10%
90%
50%
0V
50%
VI
tPLH
tPHL
VOH
VOL
VO
V
1/2
CC
V
1
CC
t
fs
FAILSAFEHIGH
IN
OUT
0V
or
V
1
CC
V
1
CC
V
I
C
L
NOTE A
V
O
V
I
V
O
50%
V
1
CC
0V
V
OH
V
OL
2.7V
VCM
IN
OUT
GND1
NOTE A
S1
V
orV
OH
OL
V
1
CC
V
2
CC
C=0.1 F±1%
m
C=0.1 F±1%
m
GND2
Pass-failcriteria:
Outputmust
remainstable
OUT
Tektronix
HFS9009
PATTERN
GENERATOR
IN
DUT
Tektronix
784D
V
1
CC
0V
V
/ 2
C C
Jitter
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com ................................................................................................................................................................ SLLS755H – JULY 2006 – REVISED MAY 2008
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 1. Switching Characteristic Test Circuit and Voltage Waveforms
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 2. Failsafe Delay Time Test Circuit and Voltage Waveforms
A.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 3. Common-Mode Transient Immunity Test Circuit
NOTE: PRBS bit pattern run length is 216 – 1. Transition time is 800 ps.
Figure 4. Peak-to-Peak Eye-Pattern Jitter Test Circuit and Voltage Waveform
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221CDG4 TI-ISO7221CDG4 Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7221CDG4 TI1-ISO7221CDG4 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results

Similar Description - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
REV. B
logo
Texas Instruments
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com