Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN200501500VA001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PN200501500VA001
Description  500VA Pure Sine Wave Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PN200501500VA001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PN200501500VA001 Datasheet HTML 1Page - List of Unclassifed Manufacturers PN200501500VA001 Datasheet HTML 2Page - List of Unclassifed Manufacturers PN200501500VA001 Datasheet HTML 3Page - List of Unclassifed Manufacturers PN200501500VA001 Datasheet HTML 4Page - List of Unclassifed Manufacturers PN200501500VA001 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Power Nucleus Inc.
PN200501500VA001
www.powernucleus.com
-
Makes Life Powerful
PNI-200501500VA001
500VA Pure Sine Wave Inverter
General Description:
PNI-200501500VA001 series of inverters are innovative product in the power inverter world. This
inverter accepts wide range of the input DC voltage from the battery, and provides 230VAC,
50Hz
clean sine wave output. This inverter offers relatively low harmonic distortion in the output
voltage and
excellent load regulation. The inverter efficiency remains grater then 90% over the
full output power range and full DC input voltage range.
This
power efficient and lightweight inverter has inbuilt battery charger, which charges the fully
discharged battery (12V, 150AH) within 5 hours this charger puts nearly 80% energy in the battery
with in 3 hours. Not only this, the battery charger uses four stage-charging techniques, which
maximize the charging efficiency and battery operational life. The battery charger takes AC
input power from your home power socket at
99
.
0
power factor, which again
saves the AC input
power during charging. The high efficiency of the inverter allows the power availability for longer
duration (large back-up time >
5.0 hours (approx.) under fully charged battery and full output load
conditions. Backup time will be increased in case of lower output load connected to the inverter).
Features:
1. Sine Pulse Width Modulation (SPWM) inverter control technology.
2. Output Voltage waveform is clean 50Hz Sine Wave.
3. Low output voltage harmonic distortion.
4. Accurate Output power limiting (by cycle by cycle output load current limit)
5. Accepts wide range of the input DC voltage.
6. Uses very fast, low loss Power MOSFET & smaller magnetic parts, hence provides
comparatively higher power conversion efficiency.
7. Overall inverter weight is less then 1kg, hence offers high power density.
8. Includes very fast and efficient Battery Charger.
9. Battery charger saves a lot power during the battery charging.
10. Battery charger charges your inverter’s fully discharged battery in 5Hours.
11. Battery charger accepts universal input voltage range, which still allows your fully
discharged battery to be charged in same time, even if your home AC input voltage is 85V.
12. Automatic “ON” or “OFF” as per the availability of the AC input power.
13. Under battery voltage protection.
14. Excellent load and line regulation.
January 2005


Similar Part No. - PN200501500VA001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN200 FAIRCHILD-PN200 Datasheet
51Kb / 4P
PNP General Purpose Amplifier
PN200 FAIRCHILD-PN200 Datasheet
491Kb / 12P
PNP General Purpose Amplifier
logo
Continental Device Indi...
PN200 CDIL-PN200 Datasheet
254Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
PN200 FAIRCHILD-PN200 Datasheet
883Kb / 12P
PNP General Purpose Amplifier
logo
California Eastern Labs
PN2009 CEL-PN2009 Datasheet
114Kb / 1P
Mounting Pad Dimensions for Renesas Optocouplers & Solid State Relays
More results

Similar Description - PN200501500VA001

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SP-700 COTEK-SP-700 Datasheet
121Kb / 2P
700W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com