Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA56-21GWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # CA56-21GWA
Description  14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA56-21GWA Datasheet(HTML) 1 Page - Kingbright Corporation

  CA56-21GWA Datasheet HTML 1Page - Kingbright Corporation CA56-21GWA Datasheet HTML 2Page - Kingbright Corporation CA56-21GWA Datasheet HTML 3Page - Kingbright Corporation CA56-21GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAB4319
REV NO: V.10
DATE: AUG/01/2006
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1304000100
14.22mm (0.56INCH) FOUR DIGIT NUMERIC
DISPLAY
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Description
The Green source color devices are made wi th
Gallium Phos phide Green Light Emitti ng Di ode.
Part Number: CA56-21GWA
GREEN
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD: GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Similar Part No. - CA56-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21SRWA KINGBRIGHT-CA56-21SRWA Datasheet
127Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21YWA KINGBRIGHT-CA56-21YWA Datasheet
140Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - CA56-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CC56-11GWA KINGBRIGHT-CC56-11GWA Datasheet
81Kb / 3P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SURKWA KINGBRIGHT-CA56-11SURKWA Datasheet
371Kb / 6P
14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11CGKWA KINGBRIGHT-CC56-11CGKWA Datasheet
362Kb / 6P
14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com